| Electronic Components Datasheet Search |
|
AM79C972 Datasheet(PDF) 121 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C972 Datasheet(HTML) 121 Page - Advanced Micro Devices |
|
121 / 130 page ![]() Am79C972 121 Read/Write accessible only when either the STOP or the SPND bit is set. 14 DRCVBC Disable Receive Broadcast. When set, disables the Am79C972 controller from re- ceiving broadcast messages. Used for protocols that do not support broadcast addressing, except as a function of multicast. DRCVBC is cleared by activation of H_RESET or S_RESET (broadcast messages will be re- ceived) and is unaffected by STOP. Read/Write accessible only when either the STOP or the SPND bit is set. 13 DRCVPA Disable Receive Physical Ad- dress. When set, the physical ad- dress detection (Station or node ID) of the Am79C972 controller will be disabled. Frames ad- dressed to the nodes individual physical address will not be rec- ognized. Read/Write accessible only when either the STOP or the SPND bit is set. 12-9 RES Reserved locations. Written as zeros and read as undefined. 8-7 PORTSEL[1:0] Port Select bits allow for software controlled selection of the net- work medium. The only legal val- ues for this field are 11 and 10. A value of 11 selects the MII port and a value of 10 selects the GPSI port. Read/Write accessible only when either the STOP or the SPND bit is set. Cleared by H_RESET or S_RESET and is unaffected by STOP. 6 INTL Internal Loopback. See the de- scription of LOOP (CSR15, bit 2). Read/Write accessible only when either the STOP or the SPND bit is set. 5 DRTY Disable Retry. When DRTY is set to 1, the Am79C972 controller will attempt only one transmission. In this mode, the device will not pro- tect the first 64 bytes of frame data in the Transmit FIFO from being overwritten, because auto- matic retransmission will not be necessary. When DRTY is set to 0, the Am79C972 controller will attempt 16 transmissions before signaling a retry error. Read/Write accessible only when either the STOP or the SPND bit is set. 4 FCOLL Force Collision. This bit allows the collision logic to be tested. The Am79C972 controller must be in internal loopback for FCOLL to be valid. If FCOLL = 1, a colli- sion will be forced during loop- back transmission attempts, which will result in a Retry Error. If FCOLL = 0, the Force Collision logic will be disabled. FCOLL is defined after the initialization block is read. Read/Write accessible only when either the STOP or the SPND bit is set. 3 DXMTFCS Disable Transmit CRC (FCS). When DXMTFCS is set to 0, the transmitter will generate and ap- pend an FCS to the transmitted frame. When DXMTFCS is set to 1, no FCS is generated or sent with the transmitted frame. DXMTFCS is overridden when ADD_FCS and ENP bits are set in TMD1. When APAD_XMT bit (CSR4, bit11) is set to 1, the setting of DXMTFCS has no effect on frames shorter than 64 bytes. If DXMTFCS is set and ADD_FCS is clear for a particular frame, no FCS will be generated. If ADD_FCS is set for a particular frame, the state of DXMTFCS is ignored and a FCS will be ap- pended on that frame by the transmit circuitry. See also the ADD_FCS bit in TMD1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |