Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 118Page - Advanced Micro Devices AM79C972 Datasheet HTML 119Page - Advanced Micro Devices AM79C972 Datasheet HTML 120Page - Advanced Micro Devices AM79C972 Datasheet HTML 121Page - Advanced Micro Devices AM79C972 Datasheet HTML 122Page - Advanced Micro Devices AM79C972 Datasheet HTML 123Page - Advanced Micro Devices AM79C972 Datasheet HTML 124Page - Advanced Micro Devices AM79C972 Datasheet HTML 125Page - Advanced Micro Devices AM79C972 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 130 page
background image
122
Am79C972
This bit was called DTCR in the
LANCE (Am7990) device.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
2
LOOP
Loopback
Enable
allows
the
Am79C972 controller to operate
in full-duplex mode for test pur-
poses. The setting of the full-
duplex control bits in BCR9 have
no effect when the device oper-
ates in loopback mode. When
LOOP = 1, loopback is enabled.
In combination with INTL and
MIIILP, various loopback modes
are defined as follows in Table
21.
Refer to Loop Back Operation
section for more details.
Read/Wr ite acc es sible only
when either the STOP or the
SPND bit is set. LOOP is cleared
by H_RESET or S_RESET and
is unaffected by STOP.
1
DTX
Disable
Transmit
results
in
Am79C972 controller not access-
ing the Transmit Descriptor Ring
and, therefore, no transmissions
are attempted. DTX = 0, will set
TXON bit (CSR0 bit 4) if STRT
(CSR0 bit 1) is asserted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
0
DRX
Disable Receiver results in the
Am79C972 controller not access-
ing the Receive Descriptor Ring
and, therefore, all receive frame
data are ignored. DRX = 0, will
set RXON bit (CSR0 bit 5) if
STRT (CSR0 bit 1) is asserted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
CSR16: Initialization Block Address Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADRL
This register is an alias of CSR1.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
CSR17: Initialization Block Address Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADRH
This register is an alias of CSR2.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
CSR18: Current Receive Buffer Address Lower
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CRBAL
Contains the lower 16 bits of the
current receive buffer address at
which the Am79C972 controller
will store incoming frame data.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR19: Current Receive Buffer Address Upper
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CRBAU
Contains the upper 16 bits of the
current receive buffer address at
which the Am79C972 controller
will store incoming frame data.
Table 21.
Loopback Configuration
LOOP
INTL
MIIILP
Function
GPSI
0
0
0
Normal Operation
1
1
0
Internal Loop
1
0
0
External Loop
MII
0
0
0
Normal Operation
0
0
1
Internal Loop
1
0
0
External Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com