Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 19Page - Advanced Micro Devices AMD-K6 Datasheet HTML 20Page - Advanced Micro Devices AMD-K6 Datasheet HTML 21Page - Advanced Micro Devices AMD-K6 Datasheet HTML 22Page - Advanced Micro Devices AMD-K6 Datasheet HTML 23Page - Advanced Micro Devices AMD-K6 Datasheet HTML 24Page - Advanced Micro Devices AMD-K6 Datasheet HTML 25Page - Advanced Micro Devices AMD-K6 Datasheet HTML 26Page - Advanced Micro Devices AMD-K6 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 346 page
background image
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Chapter 1
AMD-K6® Processor
5
1AMD-K6® Processor
s
Advanced 6-Issue RISC86® Superscalar Microarchitecture
x
Seven parallel specialized execution units
x
Multiple sophisticated x86-to-RISC86 instruction decoders
x
Advanced two-level branch prediction
x
Speculative execution
x
Out-of-order execution
x
Register renaming and data forwarding
x
Issues up to six RISC86 instructions per clock
s
Large On-Chip Split 64-Kbyte Level-One (L1) Cache
x
32-Kbyte instruction cache with additional predecode cache
x
32-Kbyte writeback dual-ported data cache
x
MESI protocol support
s
High-Performance IEEE 754-Compatible and 854-Compatible Floating-Point Unit
s
High-Performance Industry-Standard MMX™ Instructions
s
321-Pin Ceramic Pin Grid Array (CPGA) Package (Socket 7 Compatible)
s
Industry-Standard System Management Mode (SMM)
s
IEEE 1149.1 Boundary Scan
s
Full x86 Binary Software Compatibility
As the next generation in the AMD K86™ family of x86 processors, the innovative
AMD-K6 processor brings industry-leading performance to PC systems running the
extensive installed base of x86 software. In addition, its socket 7 compatible, 321-pin
Cera m ic Pin Gr id A rray (CPG A) packa ge e nable s the AM D-K 6 to re duce
time-to-market by leveraging today’s cost-effective infrastructure to deliver a
superior price/performance PC solution.
To provide state-of-the-art performance, the AMD-K6 processor incorporates the
innovative and efficient RISC86 microarchitecture, a large 64-Kbyte level-one cache
(32-Kbyte dual-ported data cache, 32-Kbyte instruction cache with predecode data), a
powerful IEEE 754-compatible and 854-compatible floating-point execution unit, and
a high-performance multimedia execution unit for executing industry-standard MMX
instructions. These features have been combined to deliver industry leadership in
16-bit and 32-bit performance, providing exceptional performance for both Windows®
95 and Windows NT™ software bases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com