Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 82Page - Advanced Micro Devices AMD-K6 Datasheet HTML 83Page - Advanced Micro Devices AMD-K6 Datasheet HTML 84Page - Advanced Micro Devices AMD-K6 Datasheet HTML 85Page - Advanced Micro Devices AMD-K6 Datasheet HTML 86Page - Advanced Micro Devices AMD-K6 Datasheet HTML 87Page - Advanced Micro Devices AMD-K6 Datasheet HTML 88Page - Advanced Micro Devices AMD-K6 Datasheet HTML 89Page - Advanced Micro Devices AMD-K6 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 346 page
background image
68
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
XOR mem16/32, imm16/32
81h
mm-110-xxx
long
load, alu, store
XOR mreg16/32, imm8 (signed ext.)
83h
11-110-xxx
short
alux
XOR mem16/32, imm8 (signed ext.)
83h
mm-110-xxx
long
load, alux, store
Table 11. Floating-Point Instructions
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes
Note
F2XM1
D9h
F0h
short
float
FABS
D9h
F1h
short
float
FADD ST(0), ST(i)
D8h
11-000-xxx
short
float
*
FADD ST(0), mem32real
D8h
mm-000-xxx
short
fload, float
FADD ST(i), ST(0)
DCh
11-000-xxx
short
float
*
FADD ST(0), mem64real
DCh
mm-000-xxx
short
fload, float
FADDP ST(i), ST(0)
DEh
11-000-xxx
short
float
*
FBLD
DFh
mm-100-xxx
vector
*
FBSTP
DFh
mm-110-xxx
vector
*
FCHS
D9h
E0h
short
float
FCLEX
DBh
E2h
vector
FCOM ST(0), ST(i)
D8h
11-010-xxx
short
float
*
FCOM ST(0), mem32real
D8h
mm-010-xxx
short
fload, float
FCOM ST(0), mem64real
DCh
mm-010-xxx
short
fload, float
FCOMP ST(0), ST(i)
D8h
11-011-xxx
short
float
*
FCOMP ST(0), mem32real
D8h
mm-011-xxx
short
fload, float
FCOMP ST(0), mem64real
DCh
mm-011-xxx
short
fload, float
FCOMPP
DEh
11-011-001
short
float
FCOS ST(0)
D9h
FFh
short
float
FDECSTP
D9h
F6h
short
float
FDIV ST(0), ST(i) (single precision)
D8h
11-110-xxx
short
float
*
FDIV ST(0), ST(i) (double precision)
D8h
11-110-xxx
short
float
*
FDIV ST(0), ST(i) (extended precision)
D8h
11-110-xxx
short
float
*
Note:
*
The last three bits of the modR/M byte select the stack entry ST(i).
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com