Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 51Page - Advanced Micro Devices AMD-K6 Datasheet HTML 52Page - Advanced Micro Devices AMD-K6 Datasheet HTML 53Page - Advanced Micro Devices AMD-K6 Datasheet HTML 54Page - Advanced Micro Devices AMD-K6 Datasheet HTML 55Page - Advanced Micro Devices AMD-K6 Datasheet HTML 56Page - Advanced Micro Devices AMD-K6 Datasheet HTML 57Page - Advanced Micro Devices AMD-K6 Datasheet HTML 58Page - Advanced Micro Devices AMD-K6 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 346 page
background image
Chapter 3
Software Environment
37
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Model-Specific
Registers (MSR)
The AMD-K6 processor provides five MSRs. The value in the
ECX register selects the MSR to be addressed by the RDMSR
and WRMSR instructions. The values in EAX and EDX are used
as inputs and outputs by the RDMSR and WRMSR instructions.
Table 5 lists the MSRs and the corresponding value of the ECX
register. Figures 28 through 32 show the MSR formats.
Fo r mo re in fo rma tio n ab o ut the RD MSR and WRMSR
instructions, see the AMD K86™ Family BIOS and Software Tools
Development Guide, order# 21062.
MCAR and MCTR. The AMD-K6 processor does not support the
generation of a machine check exception. However, the
processor does provide a 64-bit Machine Check Address
Register (MCAR), a 64-bit Machine Check Type Register
(MCTR), and a Machine Check Enable (MCE) bit in CR4.
Because the processor does not support machine check
exceptions, the contents of the MCAR and MCTR are only
affected by the WRMSR instruction and by RESET being
sampled asserted (where all bits in each register are reset to 0).
Figure 28. Machine-Check Address Register (MCAR)
Table 5.
Model-Specific Registers (MSRs)
Model-Specific Register
Value of ECX
Machine Check Address Register (MCAR)
00h
Machine Check Type Register (MCTR)
01h
Test Register 12 (TR12)
0Eh
Time Stamp Counter (TSC)
10h
Write Handling Control Register (WHCR)
C000_0082h
0
63
MCAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com