Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 40Page - Advanced Micro Devices AMD-K6 Datasheet HTML 41Page - Advanced Micro Devices AMD-K6 Datasheet HTML 42Page - Advanced Micro Devices AMD-K6 Datasheet HTML 43Page - Advanced Micro Devices AMD-K6 Datasheet HTML 44Page - Advanced Micro Devices AMD-K6 Datasheet HTML 45Page - Advanced Micro Devices AMD-K6 Datasheet HTML 46Page - Advanced Micro Devices AMD-K6 Datasheet HTML 47Page - Advanced Micro Devices AMD-K6 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 346 page
background image
26
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The eight floating-point registers are 80 bits wide and labeled
FPR0–FPR7. Figure 10 shows the format of these floating-point
registers. See “Floating-Point Register Data Types” on page 28
for information on allowable floating-point data types.
Figure 10. Floating-Point Register
The 16-bit FPU status word register contains information about
the state of the floating-point unit. Figure 11 shows the format
of this register.
Figure 11. FPU Status Word Register
64 63
0
78
79
Sign
Exponent
Significand
9 8
7
654
3210
10
11
12
13
14
15
P
E
O
E
E
S
C
0
C
1
I
E
Z
E
U
E
S
F
TOSP
C
3
B
C
2
D
E
Symbol
Description
Bits
B
FPU Busy
15
C3
Condition Code
14
TOSP
Top of Stack Pointer
13–11
C2
Condition Code
10
C1
Condition Code
9
C0
Condition Code
8
ES
Error Summary Status
7
SF
Stack Fault
6
Exception Flags
PE
Precision Error
5
UE
Underflow Error
4
OE
Overflow Error
3
ZE
Zero Divide Error
2
DE
Denormalized Operation Error 1
IE
Invalid Operation Error
0
TOSP Information
000 = FPR0
111 = FPR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com