Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 24Page - Advanced Micro Devices AMD-K6 Datasheet HTML 25Page - Advanced Micro Devices AMD-K6 Datasheet HTML 26Page - Advanced Micro Devices AMD-K6 Datasheet HTML 27Page - Advanced Micro Devices AMD-K6 Datasheet HTML 28Page - Advanced Micro Devices AMD-K6 Datasheet HTML 29Page - Advanced Micro Devices AMD-K6 Datasheet HTML 30Page - Advanced Micro Devices AMD-K6 Datasheet HTML 31Page - Advanced Micro Devices AMD-K6 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 346 page
background image
10
Internal Architecture
Chapter 2
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
store predicted target addresses, special address ALUs
calculate target addresses on-the-fly during instruction decode.
Th e bra n ch t a rg e t c a ch e aug m e n t s predic t e d branch
performance by avoiding a one clock cache-fetch penalty. This
specialized target cache does this by supplying the first 16 bytes
of target instructions to the decoders when branches are
predicted. The return address stack is a unique device
specifically designed for optimizing CALL and RETURN pairs.
In summary, the AMD-K6 uses dynamic branch logic to
minimize delays due to the branch instructions that are
common in x86 software.
AMD-K6® Processor Block Diagram. As shown in Figure 1 on page 11,
the high-performance, out-of-order execution engine of the
AMD-K6 processor is mated to a split level-one 64-Kbyte
writeback cache with 32 Kbytes of instruction cache and 32
Kbytes of data cache. The instruction cache feeds the decoders
and, in turn, the decoders feed the scheduler. The ICU issues
and retires RISC86 operations contained in the scheduler. The
system bus interface is an industry-standard 64-bit Pentium®
processor demultiplexed bus.
The AMD-K6 processor combines the latest in processor
microarchitecture to provide the highest x86 performance for
to d ay ’s pers o n al computers . Th e AMD-K6 o ffers tr ue
sixth-generation performance and full x86 binary software
compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com