Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 33Page - Advanced Micro Devices AMD-K6 Datasheet HTML 34Page - Advanced Micro Devices AMD-K6 Datasheet HTML 35Page - Advanced Micro Devices AMD-K6 Datasheet HTML 36Page - Advanced Micro Devices AMD-K6 Datasheet HTML 37Page - Advanced Micro Devices AMD-K6 Datasheet HTML 38Page - Advanced Micro Devices AMD-K6 Datasheet HTML 39Page - Advanced Micro Devices AMD-K6 Datasheet HTML 40Page - Advanced Micro Devices AMD-K6 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 346 page
background image
Chapter 2
Internal Architecture
19
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
2.7
Branch-Prediction Logic
Sophisticated branch logic that can minimize or hide the impact
of changes in program flow is designed into the AMD-K6
processor. Branches in x86 code fit into two categories —
unconditional branches, which always change program flow (that
is, the branches are always taken) and conditional branches,
which may or may not divert program flow (that is, the branches
are taken or not-taken). When a conditional branch is not taken,
the processor simply continues decoding and executing the next
instructions in memory.
Typical applications have up to 10% of unconditional branches
and another 10% to 20% conditional branches. The AMD-K6
branch logic has been designed to handle this type of program
behavior and its negative effects on instruction execution, such
as stalls due to delayed instruction fetching and the draining of
the processor pipeline. The branch logic contains an 8192-entry
branch history table, a 16-entry by 16-byte branch target cache,
a 16-entry return address stack, and a branch execution unit.
Branch History Table
The AMD-K6 processor handles unconditional branches
without any penalty by redirecting instruction fetching to the
target address of the unc o nditional branch . Howeve r,
conditional branch es re quire the us e of the dy namic
branch-prediction mechanism built into the AMD-K6. A
two-level adaptive history algorithm is implemented in an
8192-entry branch history table. This table stores executed
branch information, predicts individual branches, and predicts
the behavior of groups of branches. To accommodate the large
branch history table, the AMD-K6 processor does not store
predicted target addresses. I nstead, the branch target
addresses are calculated on-the-fly using ALUs during the
decode stage. The adders calculate all possible target addresses
before the instructions are fully decoded and the processor
chooses which addresses are valid.
Branch Target Cache
To avoid a one clock cache-fetch penalty when a branch is
predicted taken, a built-in branch target cache supplies the first
16 bytes of instructions directly to the instruction buffer
(assuming the target address hits this cache). (See Figure 3 on
page 13.) The branch target cache is organized as 16 entries of
16 bytes. In total, the branch prediction logic achieves branch
prediction rates greater than 95%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com