Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 80Page - Advanced Micro Devices AMD-K6 Datasheet HTML 81Page - Advanced Micro Devices AMD-K6 Datasheet HTML 82Page - Advanced Micro Devices AMD-K6 Datasheet HTML 83Page - Advanced Micro Devices AMD-K6 Datasheet HTML 84Page - Advanced Micro Devices AMD-K6 Datasheet HTML 85Page - Advanced Micro Devices AMD-K6 Datasheet HTML 86Page - Advanced Micro Devices AMD-K6 Datasheet HTML 87Page - Advanced Micro Devices AMD-K6 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 346 page
background image
66
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
STOSW mem16, AX
ABh
long
store, alu
STOSD mem32, EAX
ABh
long
store, alu
STR mreg16
0Fh
00h
11-001-xxx
vector
STR mem16
0Fh
00h
mm-001-xxx
vector
SUB mreg8, reg8
28h
11-xxx-xxx
short
alux
SUB mem8, reg8
28h
mm-xxx-xxx
long
load, alux, store
SUB mreg16/32, reg16/32
29h
11-xxx-xxx
short
alu
SUB mem16/32, reg16/32
29h
mm-xxx-xxx
long
load, alu, store
SUB reg8, mreg8
2Ah
11-xxx-xxx
short
alux
SUB reg8, mem8
2Ah
mm-xxx-xxx
short
load, alux
SUB reg16/32, mreg16/32
2Bh
11-xxx-xxx
short
alu
SUB reg16/32, mem16/32
2Bh
mm-xxx-xxx
short
load, alu
SUB AL, imm8
2Ch
xx-xxx-xxx
short
alux
SUB EAX, imm16/32
2Dh
xx-xxx-xxx
short
alu
SUB mreg8, imm8
80h
11-101-xxx
short
alux
SUB mem8, imm8
80h
mm-101-xxx
long
load, alux, store
SUB mreg16/32, imm16/32
81h
11-101-xxx
short
alu
SUB mem16/32, imm16/32
81h
mm-101-xxx
long
load, alu, store
SUB mreg16/32, imm8 (signed ext.)
83h
11-101-xxx
short
alux
SUB mem16/32, imm8 (signed ext.)
83h
mm-101-xxx
long
load, alux, store
TEST mreg8, reg8
84h
11-xxx-xxx
short
alux
TEST mem8, reg8
84h
mm-xxx-xxx
vector
TEST mreg16/32, reg16/32
85h
11-xxx-xxx
short
alu
TEST mem16/32, reg16/32
85h
mm-xxx-xxx
vector
TEST AL, imm8
A8h
long
alux
TEST EAX, Imm16/32
A9h
long
alu
TEST mreg8, imm8
F6h
11-000-xxx
long
alux
TEST mem8, imm8
F6h
mm-000-xxx
long
load, alux
TEST mreg8, imm16/32
F7h
11-000-xxx
long
alu
TEST mem8, imm16/32
F7h
mm-000-xxx
long
load, alu
VERR mreg16
0Fh
00h
11-100-xxx
vector
VERR mem16
0Fh
00h
mm-100-xxx
vector
VERW mreg16
0Fh
00h
11-101-xxx
vector
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com