Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 61Page - Advanced Micro Devices AMD-K6 Datasheet HTML 62Page - Advanced Micro Devices AMD-K6 Datasheet HTML 63Page - Advanced Micro Devices AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices AMD-K6 Datasheet HTML 65Page - Advanced Micro Devices AMD-K6 Datasheet HTML 66Page - Advanced Micro Devices AMD-K6 Datasheet HTML 67Page - Advanced Micro Devices AMD-K6 Datasheet HTML 68Page - Advanced Micro Devices AMD-K6 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 346 page
background image
Chapter 3
Software Environment
47
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 41. System Segment Descriptor
Base Address 15–0
Segment Limit 15–0
9
876
5432
10
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
Segment
Limit
P
DPL
0
Type
A
V
L
G
X
Base Address 31–24
Base Address 23–16
Symbol
Description
Bits
G
Granularity
23
X
Not Needed
22
AVL
Availability to Software
20
P
Present/Valid Bit
15
DPL
Descriptor Privilege Level
14-13
DT
Descriptor Type
12
Type
See Table 8
11-8
Reserved
Table 8.
System Segment and Gate Types
Type
Description
0
Reserved
1
Available 16-bit TSS
2LDT
3
Busy 16-bit TSS
4
16-bit Call Gate
5
Task Gate
6
16-bit Interrupt Gate
7
16-bit Trap Gate
8
Reserved
9
Available 32-bit TSS
A
Reserved
B
Busy 32-bit TSS
C
32-bit Call Gate
D
Reserved
E
32-bit Interrupt Gate
F
32-bit Trap Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com