Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 21Page - Advanced Micro Devices AMD-K6 Datasheet HTML 22Page - Advanced Micro Devices AMD-K6 Datasheet HTML 23Page - Advanced Micro Devices AMD-K6 Datasheet HTML 24Page - Advanced Micro Devices AMD-K6 Datasheet HTML 25Page - Advanced Micro Devices AMD-K6 Datasheet HTML 26Page - Advanced Micro Devices AMD-K6 Datasheet HTML 27Page - Advanced Micro Devices AMD-K6 Datasheet HTML 28Page - Advanced Micro Devices AMD-K6 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 346 page
background image
Chapter 2
Internal Architecture
7
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
2
Internal Architecture
2.1
Introduction
The AMD-K6 processor implements advanced design techniques
know n as the RISC 86 microarch i t ecture . Th e RISC 8 6
microarchitecture is a decoupled decode/execution design
approach that yields superior sixth-generation performance for
x86-based software. This chapter describes the techniques used
and the functional elements of the RISC86 microarchitecture.
2.2
AMD-K6® Processor Microarchitecture Overview
When discussing processor design, it is important to understand
the term s architectur e , m i croar chitectur e , an d des i g n
implementation. The term architecture refers to the instruction
set and features of a processor that are visible to software
prog ra ms runni n g on the process o r. Th e arch ite c t u re
de termines w hat softwa re the processor can run. The
architecture of the AMD-K6 processor is the industry-standard
x86 instruction set.
The term microarchitecture refers to the design techniques used
in the processor to reach the target cost, performance, and
functionality goals. The AMD-K6 is based on a sophisticated
RISC core known as the Enhanced RISC86 microarchitecture.
The Enhanced RISC86 microarchitecture is an advanced,
second-order decoupled decode/execution design approach that
enables industry-leading performance for x86-based software.
The term design implementation refers to the actual logic and
circuit designs from which the processor is created according to
the microarchitecture specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com