Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 62Page - Advanced Micro Devices AMD-K6 Datasheet HTML 63Page - Advanced Micro Devices AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices AMD-K6 Datasheet HTML 65Page - Advanced Micro Devices AMD-K6 Datasheet HTML 66Page - Advanced Micro Devices AMD-K6 Datasheet HTML 67Page - Advanced Micro Devices AMD-K6 Datasheet HTML 68Page - Advanced Micro Devices AMD-K6 Datasheet HTML 69Page - Advanced Micro Devices AMD-K6 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 346 page
background image
48
Software Environment
Chapter 3
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Figure 42. Gate Descriptor
Exceptions and
Interrupts
Table 9 summarizes the exceptions and interrupts.
DPL
0
Type
Offset 31–16
P
Segment Selector
Offset 15–0
98
7654
321
0
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
Symbol
Description
Bits
P
Present/Valid Bit
15
DPL
Descriptor Privilege Level
14-13
DT
Descriptor Type
12
Type
See Table 8
11-8
Reserved
Table 9.
Summary of Exceptions and Interrupts
Interrupt
Number
Interrupt Type
Cause
0
Divide by Zero Error
DIV, IDIV
1
Debug
Debug trap or fault
2
Non-Maskable Interrupt NMI signal sampled asserted
3
Breakpoint
Int 3
4
Overflow
INTO
5
Bounds Check
BOUND
6
Invalid Opcode
Invalid instruction
7
Device Not Available
ESC and WAIT
8
Double Fault
Fault occurs while handling a fault
9
Reserved - Interrupt 13
—
10
Invalid TSS
Task switch to an invalid segment
11
Segment Not Present
Instruction loads a segment and present bit is 0 (invalid segment)
12
Stack Segment
Stack operation causes limit violation or present bit is 0
13
General Protection
Segment related or miscellaneous invalid actions
14
Page Fault
Page protection violation or a reference to missing page
16
Floating-Point Error
Arithmetic error generated by floating-point instruction
17
Alignment Check
Data reference to an unaligned operand. (The AC flag and the AM bit of CR0 are
set to 1.)
0-255
Software Interrupt
INT n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com