Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 13Page - Advanced Micro Devices AMD-K6 Datasheet HTML 14Page - Advanced Micro Devices AMD-K6 Datasheet HTML 15Page - Advanced Micro Devices AMD-K6 Datasheet HTML 16Page - Advanced Micro Devices AMD-K6 Datasheet HTML 17Page - Advanced Micro Devices AMD-K6 Datasheet HTML 18Page - Advanced Micro Devices AMD-K6 Datasheet HTML 19Page - Advanced Micro Devices AMD-K6 Datasheet HTML 20Page - Advanced Micro Devices AMD-K6 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 346 page
background image
Revision History
xvii
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Revision History
Date
Rev
Description
June 1997
E
Replaced overbar with # to identify active-Low signals.
June 1997
E
Corrected description in “Write Allocate” on page 177.
June 1997
E
Revised latency and throughput information in Table 1, “Execution Latency and Throughput of
Execution Units,” on page 18.
June 1997
E
Updated Figure 79, “Suggested Component Placement,” on page 230 of Chapter 13, “Power and
Grounding”.
Sept 1997
F
Unreleased version.
March 1998
G
Divided book into Part 1 and Part 2. Part 1 provides information about the AMD-K6® processor
family (Model 6 and Model 7) and Part 2 provides information specific to the AMD-K6 processor
Model 7 (0.25-micron process technology).
March 1998
G
Added Figure 17, “MMX™ Data Types,” on page 30 in Chapter 3, “Software Environment”.
March 1998
G
Qualified conditions under which Write Allocate occurs in the memory area between 640 Kbytes
and 1 Mbyte in “Write Allocate Limit” on page 178 of Chapter 8, “Cache Organization”.
March 1998
G
Changed power dissipation specifications for Stop Grant State and Stop Clock State for 166MHz,
200MHz, and 233MHz components in Table 45, “Typical and Maximum Power Dissipation,” on
page 235, and Table 56, “Package Thermal Specification,” on page 259.
March 1998
G
Removed all references to Write KEN# Control Register (WKCR) from Chapter 3, “Software
Environment”, Chapter 5, “Signal Descriptions”, and Chapter 8, “Cache Organization”.
March 1998
G
Added top-side view pin description diagram. See Figure 99, “AMD-K6® Processor Top-Side
View,” on page 267.
March 1998
G
Added voltage detection pin to diagram in Chapter 4, “Logic Symbol Diagram”.
March 1998
G
Modified flatness specification (symbol f) in Table 57, “321-Pin Staggered CPGA Package
Specification,” on page 271.
March 1998
G
Corrected Figure 44, “Bus State Machine Diagram,” on page 123 in Chapter 6, “Bus Cycles” to
accurately show the direct transition from the Pipeline Data state to the Data-NA# Requested
state.
March 1998
G
Corrected list of internal resources tested during BIST in Chapter 11, “Test and Debug” on page
203.
March 1998
G
Revised Figure 92, “Power Consumption vs. Thermal Resistance,” on page 260 in Chapter 17,
“Thermal Design”.
March 1998
H
Revised signal description of VCC2H/L# on page 287 in Chapter 26, “Signal Descriptions”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com