Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 71Page - Advanced Micro Devices AMD-K6 Datasheet HTML 72Page - Advanced Micro Devices AMD-K6 Datasheet HTML 73Page - Advanced Micro Devices AMD-K6 Datasheet HTML 74Page - Advanced Micro Devices AMD-K6 Datasheet HTML 75Page - Advanced Micro Devices AMD-K6 Datasheet HTML 76Page - Advanced Micro Devices AMD-K6 Datasheet HTML 77Page - Advanced Micro Devices AMD-K6 Datasheet HTML 78Page - Advanced Micro Devices AMD-K6 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 346 page
background image
Chapter 3
Software Environment
57
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
LAHF
9Fh
vector
LAR reg16/32, mreg16/32
0Fh
02h
11-xxx-xxx
vector
LAR reg16/32, mem16/32
0Fh
02h
mm-xxx-xxx
vector
LDS reg16/32, mem32/48
C5h
mm-xxx-xxx
vector
LEA reg16/32, mem16/32
8Dh
mm-xxx-xxx
short
load, alu
LEAVE
C9h
long
load, alu, alu
LES reg16/32, mem32/48
C4h
mm-xxx-xxx
vector
LFS reg16/32, mem32/48
0Fh
B4h
vector
LGDT mem48
0Fh
01h
mm-010-xxx
vector
LGS reg16/32, mem32/48
0Fh
B5h
vector
LIDT mem48
0Fh
01h
mm-011-xxx
vector
LLDT mreg16
0Fh
00h
11-010-xxx
vector
LLDT mem16
0Fh
00h
mm-010-xxx
vector
LMSW mreg16
0Fh
01h
11-100-xxx
vector
LMSW mem16
0Fh
01h
mm-100-xxx
vector
LODSB AL, mem8
ACh
long
load, alux
LODSW AX, mem16
ADh
long
load, alu
LODSD EAX, mem32
ADh
long
load, alu
LOOP disp8
E2h
short
alu, branch
LOOPE/LOOPZ disp8
E1h
vector
LOOPNE/LOOPNZ disp8
E0h
vector
LSL reg16/32, mreg16/32
0Fh
03h
11-xxx-xxx
vector
LSL reg16/32, mem16/32
0Fh
03h
mm-xxx-xxx
vector
LSS reg16/32, mem32/48
0Fh
B2h
mm-xxx-xxx
vector
LTR mreg16
0Fh
00h
11-011-xxx
vector
LTR mem16
0Fh
00h
mm-011-xxx
vector
MOV mreg8, reg8
88h
11-xxx-xxx
short
alux
MOV mem8, reg8
88h
mm-xxx-xxx
short
store
MOV mreg16/32, reg16/32
89h
11-xxx-xxx
short
alu
MOV mem16/32, reg16/32
89h
mm-xxx-xxx
short
store
MOV reg8, mreg8
8Ah
11-xxx-xxx
short
alux
MOV reg8, mem8
8Ah
mm-xxx-xxx
short
load
MOV reg16/32, mreg16/32
8Bh
11-xxx-xxx
short
alu
Table 10. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com