Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 53Page - Advanced Micro Devices AMD-K6 Datasheet HTML 54Page - Advanced Micro Devices AMD-K6 Datasheet HTML 55Page - Advanced Micro Devices AMD-K6 Datasheet HTML 56Page - Advanced Micro Devices AMD-K6 Datasheet HTML 57Page - Advanced Micro Devices AMD-K6 Datasheet HTML 58Page - Advanced Micro Devices AMD-K6 Datasheet HTML 59Page - Advanced Micro Devices AMD-K6 Datasheet HTML 60Page - Advanced Micro Devices AMD-K6 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 346 page
background image
Chapter 3
Software Environment
39
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Write Handling Control Register (WHCR). The Write Handling Control
Register (WHCR) is a MSR that contains three fields — the
WCDE bit, Write Allocate Enable Limit (WAELIM) field, and
the Write Allocate Enable 15-to-16-Mbyte (WAE15M) bit.
Figure 32 shows the format of WHCR. See “Write Allocate” on
page 177 for more information.
Figure 32. Write Handling Control Register (WHCR)
Memory
Management
Registers
T h e AMD -K 6 pr oce ssor c o nt r o ls segm ent e d me mory
management with the registers listed in Table 6. Figure 33 on
page 40 shows the formats of these registers.
71
0
63
Reserved
WAELIM
8
0
Note: Hardware RESET initializes this MSR to all zeros.
W
A
E
1
5
M
Symbol
Description
Bits
WCDE
Always program to 0
8
WAELIM
Write Allocate Enable Limit
7–1
WAE15M
Write Allocate Enable 15-to-16-Mbyte 0
9
Table 6.
Memory Management Registers
Register Name
Function
Global Descriptor Table Register
Contains a pointer to the base of the Global Descriptor Table
Interrupt Descriptor Table Register
Contains a pointer to the base of the Interrupt Descriptor Table
Local Descriptor Table Register
Contains a pointer to the Local Descriptor Table of the current task
Task Register
Contains a pointer to the Task State Segment of the current task



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com