Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 291 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 291 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 287Page - Advanced Micro Devices AMD-K6 Datasheet HTML 288Page - Advanced Micro Devices AMD-K6 Datasheet HTML 289Page - Advanced Micro Devices AMD-K6 Datasheet HTML 290Page - Advanced Micro Devices AMD-K6 Datasheet HTML 291Page - Advanced Micro Devices AMD-K6 Datasheet HTML 292Page - Advanced Micro Devices AMD-K6 Datasheet HTML 293Page - Advanced Micro Devices AMD-K6 Datasheet HTML 294Page - Advanced Micro Devices AMD-K6 Datasheet HTML 295Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 346 page
background image
Chapter 21
Ordering Information
273
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
21
Ordering Information
Standard Products
AMD standard products are available in several operating ranges. The ordering part
number (OPN) is formed by a combination of the elements below.
Table 58. Valid Ordering Part Number Combinations
OPN
Package Type
Operating Voltage
Case Temperature
AMD-K6-233ANR
321-pin CPGA
3.1V–3.3V (Core)
3.135V–3.6V (I/O)
0°C–70°C
AMD-K6-200ALR
321-pin CPGA
2.755V–3.045V (Core)
3.135V–3.6V (I/O)
0°C–70°C
AMD-K6-166ALR
321-pin CPGA
2.755V–3.045V (Core)
3.135V–3.6V (I/O)
0°C–70°C
Notes:
This table lists configurations planned to be supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific valid combinations and to check on
newly-released combinations.
A
AMD-K6
Package Type
Family/Core
A = 321-pin CPGA
AMD-K6
Case Temperature
R= 0°C–70°C
-233
Performance Rating
-233
-200
-166
Operating Voltage
N = 3.1 V–3.3 V (Core) / 3.135 V–3.6 V (I/O)
L = 2.755 V–3.045 V (Core) / 3.135 V–3.6 V (I/O)
N R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com