Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
AD9656
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the chip
configuration registers (Address 0x00 to Address 0x02); the
channel index and transfer registers (Address 0x05 and
Address 0xFF); and the ADC functions registers, including setup,
control, and test (Address 0x08 to Address 0x10A).
The memory map register table (see Table 19) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x14,
the output mode register, has a hexadecimal default value of
0x01. This means that Bit 0 = 1 and the remaining bits are 0s.
This setting is the default output format value, which is twos
complement. For general information on this function and
others, see the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI. See Table 19 for SPI register information
specific to the AD9656.
Open and Reserved Locations
All address and bit locations that are not included in Table 19
are not supported for this device. Write 0s to unused bits of a
valid address location. Writing to these locations is required
only when part of an address location is open (for example,
Address 0x18). If the entire address location is open (for
example, Address 0x13), do not write to this address location.
Default Values
After the AD9656 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table (see Table 19).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions can be programmed to a different
value for each channel. In these cases, channel address locations
are internally duplicated for each channel. These registers and bits
are designated in Table 19 as local. These local registers and bits
can be accessed by setting the appropriate Channel 0, Channel 1,
Channel 2, or Channel 3 bit in Register 0x05. If four bits are set,
the subsequent write affects the registers of all four channels. In a
read cycle, set only one of the channels to read one of the four
registers. If all bits are set during an SPI read cycle, the device
returns the value for Channel 0. Registers and bits designated as
global in Table 19 affect the entire device and the channel
features for which independent settings are not allowed
between channels. The settings in Register 0x05 do not affect
the global registers and bits.
Rev. 0 | Page 35 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com