Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD9656
Data Sheet
SPI ACCESSIBLE FEATURES
Table 18 provides a brief description of the features that are
accessible via the SPI. These features are described in general in
the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD9656 part-specific features are described in the
Memory Map Register Descriptions section. Information in
the AD9656 data sheet takes precedence over information in
AN-877 Application Note, where it relates to the AD9656.
Table 18. Features Accessible Using the SPI
Feature Name
Description
Mode
Allows the user to set either power-down mode or standby mode
Clock
Allows the user to access the duty cycle stabilizer via the SPI
Offset
Allows the user to digitally adjust the converter offset
Test Input/Output
Allows the user to set test modes to place known data on the output bits
Output Mode
Allows the user to set up the outputs
VREF
Allows the user to set the reference voltage
Figure 70. Serial Port Interface Timing Diagram
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
CSB
Rev. 0 | Page 34 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com