Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9656
Data Sheet
Digital Outputs and Timing
The AD9656 has differential digital outputs that power up by
default. The driver current is derived on chip and sets the output
current at each output equal to a nominal 4 mA. Each output
presents a 100 Ω dynamic internal termination to reduce
unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 600 mV p-p differential swing at
the receiver (see Figure 67). Alternatively, single-ended 50 Ω
termination can be used. When single-ended termination is
used, the termination voltage must be DRVDD/2; otherwise,
ac coupling capacitors can be used to terminate to any single-
ended voltage.
Figure 67. AC-Coupled Digital Output Termination Example
The AD9656 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point-to-point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common
mode of the digital output automatically biases itself to half the
supply of the receiver (that is, the common-mode voltage is 0.9 V
for a receiver supply of 1.8 V) if a dc-coupled connection is used
(see Figure 68). For receiver logic that is not within the bounds
of the DRVDD supply, use an ac-coupled connection. Place a
0.1 µF capacitor on each output pin and derive a 100 Ω
differential termination close to the receiver side.
Figure 68. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid such
timing errors, it is recommended that the trace length be less
than six inches, and that the differential output traces be close
together and of equal lengths.
Figure 69 shows an example of the digital output data eye and time
interval error (TIE) jitter histogram and bathtub curve for the
AD9656 lane running at 6.4 Gbps.
Additional SPI options allow the user to further increase the
output driver voltage swing of all four outputs to drive longer
trace lengths (see Register 0x15 in Table 19). The power
dissipation of the DRVDD supply increases when this option is
used. See the Memory Map section for more information.
The format of the output data is twos complement by default.
To change the output data format to offset binary, see the
Memory Map section and Register 0x14 in Table 19.
Figure 69. AD9656 Digital Outputs Data Eye, Histogram, and Bathtub, External 100 Ω Terminations at 6.4 Gbps
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
VCM = Rx VCM
OUTPUT SWING = 600mV p-p
DIFFERENTIAL
0.1µF
0.1µF
RECEIVER
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM = DRVDD/2
OUTPUT SWING = 600mV p-p
DIFFERENTIAL
RECEIVER
SERDOUTx+
SERDOUTx–
0
–0.5
0.5
UIs
PERIOD1: HISTOGRAM
350
400
450
–10
–5
5
0
TIME (ps)
10
300
250
200
50
0
100
150
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
2
–
–100
–50
50
–150
150
0
100
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ@BER1: BATHTUB
EYE: ALL BITS OFFSET: –0.0108
ULS: 6000; 57327 TOTAL: 6000.57327
0.81 UI
Rev. 0 | Page 32 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com