Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9656
Data Sheet
JESD204B Synchronization Details
The AD9656 is a JESD204B Subclass 1 device and establishes
synchronization of the link through two control signals
(DSYSREF and DSYNC). At the system level, multiple converter
devices are aligned using a common DSYSREF and device clock
(CLK).
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not actually scrambled until the data transmission phase, and
the CGS phase and ILAS phase do not use scrambling.
CGS Phase
In the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver (external logic device) must
find K28.5 characters in its input data stream using clock and
data recovery (CDR) techniques.
When a certain number of consecutive K28.5 characters are
detected on the link lanes, the receiver initiates a DSYSREF edge
so that the AD9656 transmit data establishes a local multiframe
clock (LMFC) internally.
The DSYSREF edge also resets any sampling edges within the
ADC to align sampling instances to the LMFC. This is important
to maintain synchronization across multiple devices.
The receiver or logic device deasserts the SYNC~ signal applied
to DSYNC, and the transmitter block begins the ILAS phase.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern,
and the receiver aligns all lanes of the link and verifies the
parameters of the link.
The ILAS phase begins after SYNC~ has been deasserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted. The four multiframes
include the following:
•
Multiframe 1: Begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2: Begins with an /R/ character followed by a
/Q/ [K28.4] character, followed by link configuration
parameters over 14 configuration octets (see Table 12),
and ends with an /A/ character.
•
Multiframe 3: same as Multiframe 1.
•
Multiframe 4: same as Multiframe 1.
Table 12. 14 Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
11
Reserved, don’t care (RES1)
12
Reserved, don’t care (RES2)
13
FCHK[7:0]
Data Transmission Phase
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
•
If scrambling is enabled and the last octet of the
multiframe is equal to 0x7C, or the last octet of a frame is
equal to 0xFC.
Link Setup Parameters
The following demonstrates how to configure the AD9656
JESD204B interface. The steps to configure the output include
the following:
1. Disable the lanes before changing configuration.
2. Select one quick configuration option.
3. Configure the detailed options.
4. Check FCHK, checksum of JESD204B interface parameters.
5. Set additional digital output configuration options.
6. Reenable the lane(s).
Disable Lanes Before Changing Configuration
Before modifying the JESD204B link parameters, disable the link
and hold it in reset. This is accomplished by writing Logic 1 to
Register 0x5F, Bit 0.
Select Quick Configuration Option
Write to Register 0x5E, the JESD204B quick configuration
register to select the configuration options. See Table 15 for the
configuration options and resulting JESD204B parameter values.
•
0x41 = four converters, one lane
•
0x42 = four converters, two lanes
•
0x44 = four converters, four lanes
•
0x21 = two converters, one lane
•
0x22 = two converters, two lanes
•
0x11 = one converter, one lane
Rev. 0 | Page 28 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com