Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9656
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration, Top View
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND,
Exposed Pad
Analog Ground, Exposed Pad. The exposed thermal pad on the bottom of the package provides the
analog ground for the device. This exposed pad must be connected to ground for proper operation.
1, 4, 5, 8, 11, 39, 42,
43, 46, 52, 53, 56
AVDD
1.8 V Analog Supply Pins.
2
VIND+
ADC D Analog Input True.
3
VIND−
ADC D Analog Input Complement.
6, 7
CLK−, CLK+
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
9
DSYSREF+
Active Low JESD204B LVDS SYSREF Input True.
10
DSYSREF−
Active Low JESD204B LVDS SYSREF Input Complement.
12, 32
DVDD
Digital Supply.
13, 31
DVSS
Digital Ground.
14, 15, 29, 30
NIC
Not Internally Connected. Can be connected to ground if desired.
16
DSYNC+
Active Low JESD204B LVDS SYNC Input True.
17
DSYNC−
Active Low JESD204B LVDS SYNC Input Complement.
18, 23, 28
DRVDD
Digital Output Driver Supply.
19
SERDOUT3−
Lane 3 Digital Output Complement.
20
SERDOUT3+
Lane 3 Digital Output True.
21
SERDOUT2+
Lane 2 Digital Output True.
22
SERDOUT2−
Lane 2 Digital Output Complement.
24
SERDOUT1−
Lane 1 Digital Output Complement.
25
SERDOUT1+
Lane 1 Digital Output True.
26
SERDOUT0+
Lane 0 Digital Output True.
27
SERDOUT0−
Lane 0 Digital Output Complement.
33
SVDD
SPI Supply Pin.
NOTES
1. NIC = NOT INTERNALLY CONNECTED. CAN BE CONNECTED TO GROUND IF DESIRED.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
3. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE PROVIDES
THE ANALOG GROUND FOR THE PART. THIS EXPOSED PAD MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AVDD
VIND+
VIND–
AVDD
AVDD
CLK–
CLK+
AVDD
DSYSREF+
DSYSREF–
AVDD
DVDD
DVSS
NIC
AVDD
VINA+
VINA–
AVDD
PDWN
CSB
SDIO
SCLK
DNC
SVDD
DVDD
DVSS
NIC
NIC
42
41
40
39
38
37
36
35
34
33
32
31
30
29
TOP VIEW
AD9656
Rev. 0 | Page 12 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com