Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 3 Page - Analog Devices

  AD9656 Datasheet HTML 1Page - Analog Devices AD9656 Datasheet HTML 2Page - Analog Devices AD9656 Datasheet HTML 3Page - Analog Devices AD9656 Datasheet HTML 4Page - Analog Devices AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD9656
SPECIFICATIONS
DC SPECIFICATIONS, VREF = 1.4 V
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p full-scale differential input, 1.4 V reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
No Missing Codes
25°C
Guaranteed
Offset Error
25°C
−0.1
+0.14
+0.5
% FSR
Offset Matching
25°C
0
0.1
0.4
% FSR
Gain Error
25°C
−1.0
+1.0
+3.1
% FSR
Gain Matching
25°C
0
1.1
2.0
% FSR
Differential Nonlinearity (DNL)
25°C
−0.95
±0.6
+2.54
LSB
Integral Nonlinearity (INL)
25°C
−10.0
±4.5
+10.0
LSB
TEMPERATURE DRIFT
Gain Error
Full
6.1
ppm/°C
Offset Error
Full
−2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage
25°C
1.37
1.4
1.41
V
Load Regulation at 1.0 mA
25°C
4
mV
Input Resistance
25°C
7.5
kΩ
INPUT-REFERRED NOISE
VREF = 1.4 V
25°C
2.1
LSB rms
ANALOG INPUTS
Differential Input Voltage
25°C
2.8
V p-p
Common-Mode Voltage
25°C
0.9
V
Common-Mode Range
25°C
0.7
1.1
V
Differential Input Resistance
25°C
2.6
kΩ
Differential Input Capacitance
25°C
7
pF
POWER SUPPLY
AVDD
25°C
1.7
1.8
1.9
V
DVDD, DRVDD
25°C
1.7
1.8
1.9
V
IAVDD (125 MSPS, Two Lanes)2
25°C
288
306
mA
IDVDD (125 MSPS, Two Lanes)2
25°C
67
72
mA
IDRVDD (125 MSPS, Two Lanes)2
25°C
83
88
mA
TOTAL POWER CONSUMPTION
DC Input (125 MSPS, Four Channels onto Two Lanes)
25°C
706
mW
Sine Wave Input (125 MSPS, Four Channels onto Two Lanes)2
25°C
788
839
mW
Power-Down Mode
25°C
14
mW
Standby Mode3
25°C
547
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured with a low input frequency, full-scale sine wave on all four channels.
3
Standby can be controlled via the SPI.
Rev. 0 | Page 3 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com