Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
AD9656
DIGITAL OUTPUTS
JESD204B Transmit Top Level Description
The AD9656 digital output uses the JEDEC Standard No.
JESD204B, Serial Interface for Data Converters. JESD204B is a
protocol to link the AD9656 to a digital processing device over a
serial interface with link speeds up to 6.4 Gbps. The benefits of
the JESD204B interface include a reduction in the required
board area for data interface routing and the enabling of smaller
packages for converter and logic devices. The AD9656 supports
single, dual, and four lane interfaces.
JESD204B Overview
The JESD204B data transmit block, JTX, assembles the parallel
data from the ADC into frames and uses 8b/10b encoding, as well
as optional scrambling, to form serial output data. Lane
synchronization is supported using special characters during the
initial establishment of the link, and additional synchronization is
embedded in the data stream thereafter. A matching external
receiver is required to lock onto the serial data stream and recover
the data and clock. For additional information about the
JESD204B interface, refer to the JESD204B standard.
The AD9656 JESD204B transmit block maps the output of the
four ADCs over a link. A link can be configured to use either
single, dual, or four serial differential outputs, which are called
lanes. The JESD204B specification refers to a number of parameters
to define the link, and these parameters must match between the
JESD204B transmitter (AD9656 output) and receiver.
The JESD204B link is described according to the following
parameters:
•
S = samples transmitted/single converter/frame cycle
(AD9656 value = 1)
•
M = number of converters/converter device (AD9656
value = 4)
•
L = number of lanes/converter device (AD9656 value =
1, 2, or 4)
•
N = converter resolution (AD9656 value = 16)
•
N’ = total number of bits per sample (AD9656 value = 16)
•
CF = number of control words/frame clock cycle/converter
device (AD9656 value = 0)
•
CS = number of control bits/conversion sample (AD9656
value = 0)
•
K = number of frames per multiframe (configurable on
the AD9656)
•
HD = high density mode (AD9656 value = 0)
•
F = octets/frame (AD9656 value = 2, 4, or 8, dependent
upon L = 4, 2, or 1)
•
C = control bit (overrange, overflow, underflow;
unavailable in the AD9656 default mode)
•
T = tail bit (unavailable in the AD9656 default mode)
•
SCR = scrambler enable/disable (configurable on the AD9656)
•
FCHK = checksum for the JESD204B parameters
(automatically calculated and stored in the register map)
Figure 64 shows a simplified block diagram of the AD9656
JESD204B link. By default, the AD9656 is configured to use
four converters and one lane. The AD9656 allows for other
configurations such as combining the outputs of two of the four
converters onto a single lane resulting in the data from the four
converters being output on two lanes. The mapping of the 0, 1,
2, and 3 digital output paths can be changed. These modes are
set up through a quick configuration register in the SPI register
map, along with additional customizable options.
By default in the AD9656, the 16-bit word from each converter
is divided into two octets (8 bits of data each). Bit 0 (MSB)
through Bit 7 are in the first octet, and Bit 8 through Bit 15 (LSB)
are the second octet.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is available to avoid spectral peaks when
transmitting similar digital data patterns. The scrambler uses a
self synchronizing, polynomial-based algorithm defined by the
equation 1 + x14 + x15. The descrambler in the receiver must be a
self synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8b/10b encoder. The
8b/10b encoder works by taking eight bits of data (an octet) and
encoding them into a 10-bit symbol. Figure 65 shows how the
16-bit data is output from the ADC, the two octets are
scrambled, and how the octets are encoded into two 10-bit
symbols. Figure 65 illustrates the default data format.
At the data link layer, in addition to the 8b/10b encoding,
character replacement is used to allow the receiver to monitor
frame alignment. The character replacement process occurs on the
frame and multiframe boundaries, and implementation depends
on which boundary is occurring and if scrambling is enabled.
If scrambling is disabled, the following applies. If the last scrambled
octet of the last frame of the multiframe equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /A/ = /K28.3/. On other frames within the
multiframe, if the last octet in the frame equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /F/= /K28.7/.
If scrambling is enabled, the following applies. If the last octet of
the last frame of the multiframe equals 0x7C, the transmitter
replaces the last octet with the control character /A/ = /K28.3/.
On other frames within the multiframe, if the last octet equals
0xFC, the transmitter replaces the last octet with the control
character /F/ = /K28.7/.
Refer to JEDEC Standard No. JESD204B (July 2011) for additional
information about the JESD204B interface. Section 5.1 covers
the transport layer and data format details, and Section 5.2 covers
scrambling and descrambling.
Rev. 0 | Page 27 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com