Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
AD9656
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
DVDD to DVSS
−0.3 V to +2.0 V
SVDD to AGND
−0.3 V to +2.0 V
Digital Outputs to AGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VINx+, VINx− to AGND
−0.3 V to +2.0 V
DSYSREF+, DSYSREF− to AGND
−0.3 V to +2.0 V
DSYNC−, DSYNC+ to AGND
−0.3 V to +2.0 V
SCLK, SDIO, CSB, PDWN to AGND
−0.3 V to +3.9 V
SYNC to AGND
−0.3 V to +2.0 V
RBIAS to AGND
−0.3 V to +2.0 V
VCM, VREF, SENSE to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is for a 4-layer printed circuit board (PCB) with solid ground
plane (simulated). The exposed pad is soldered to the PCB
ground.
Table 9. Thermal Resistance
Package
Type
Air Flow
Velocity
(m/sec)
θJA
(°C/W)
θJB
(°C/W)1
θJC Top
(°C/W)1
θJC Bottom
(°C/W)1
56-Lead
LFCSP,
8 mm ×
8 mm
0
22.4
7.7
7.42
2.29
1
19.0
N/A
N/A
N/A
2.5
17.6
N/A
N/A
N/A
1
N/A = not applicable.
ESD CAUTION
Rev. 0 | Page 11 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com