Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9656 Datasheet HTML 21Page - Analog Devices AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
AD9656
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins, as shown in Figure 58. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
Figure 58. Differential PECL Sample Clock (Up to 1 GHz)
Another option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 59. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
Figure 59. Differential LVDS Sample Clock (Up to 1 GHz)
In some applications, it is acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 µF capacitor (see
Figure 60).
Figure 60. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9656 contains an input clock divider with the ability to
divide the input clock by integer values from 1 to 8.
The AD9656 clock divider can be synchronized using the
external SYNC input. Bit 0 and Bit 1 of Register 0x109 allow the
clock divider to be resynchronized on every SYNC signal or
only on the first SYNC signal after the register is written. A
valid SYNC causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have their
clock dividers aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, can be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9656 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This feature minimizes
performance degradation in cases where the clock input duty
cycle deviates more than the specified ±5% from the nominal 50%
duty cycle. Enabling the DCS function can significantly improve
noise and distortion performance for clock input duty cycles
ranging from 30% to 45% and from 55% to 70%.
Jitter in the rising edge of the input is still of concern and is not
easily reduced by the internal stabilization circuit. The loop has
a time constant associated with it that must be considered in
applications in which the clock rate can change dynamically. A
wait time of 1.5 µs to 5 µs is required after a dynamic clock
frequency increase or decrease before the DCS loop is relocked
to the input signal.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Rev. 0 | Page 25 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com