Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9656
Data Sheet
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 log10
×
×
J
A t
f
2π
1
In this equation, the rms aperture jitter represents the root sum
square of all jitter sources, including the clock input, analog
input signal, and ADC aperture jitter specifications. IF
undersampling applications are particularly sensitive to jitter
(see Figure 61).
Treat the clock input as an analog signal in cases where aperture
jitter can affect the dynamic range of the AD9656. Separate power
supplies for clock drivers from the supplies for the ADC output
driver to avoid modulating the clock signal with digital noise.
Low jitter, crystal-controlled oscillators make the best clock
sources. If the clock is generated from another type of source
(by gating, dividing, or other methods), retime it by the original
clock at the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs.
Figure 61. Ideal SNR vs. Analog Input Frequency and Jitter
POWER DISSIPATION AND POWER-DOWN MODE
As shown in Figure 62 and Figure 63, the power dissipated by
the AD9656 is proportional to its sample rate.
The AD9656 is placed in power-down mode either by the SPI
port or by asserting the PDWN pin high. In power-down mode,
the ADC typically dissipates 14 mW. During power-down, the
output drivers are placed in a high impedance state. When the
PDWN pin is asserted low, the AD9656 returns to normal
operating mode. Note that PDWN is referenced to the digital
output driver supply (DRVDD) and must not exceed that supply
voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and must then be recharged when returning
to normal operation. As a result, wake-up time is related to the
time spent in power-down mode; shorter power-down cycles
result in proportionally shorter wake-up times. When using the
SPI port interface, the user can place the ADC in power-down
mode or standby mode. Standby mode allows the user to keep
the internal reference circuitry powered when faster wake-up
times are required. See the Memory Map section for more
information about using these features.
Figure 62. Total Power vs. fSAMPLE for fIN = 9.7 MHz, Four Channels (VREF = 1.4 V)
Figure 63. Total Power vs. fSAMPLE for fIN = 9.7 MHz, Four Channels (VREF = 1.0 V)
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
0.30
0.40
0.45
0.35
0.50
0.55
0.60
0.65
0.70
0.75
0.80
40
60
80
100
120
SAMPLE RATE (MSPS)
80MSPS
SETTING
65MSPS
SETTING
50MSPS
SETTING
125MSPS
SETTING
105MSPS
SETTING
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
40
60
80
100
120
SAMPLE RATE (MSPS)
125MSPS
SETTING
80MSPS
SETTING
65MSPS
SETTING
50MSPS
SETTING
105MSPS
SETTING
Rev. 0 | Page 26 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com