Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
AD9656
SERIAL PORT INTERFACE (SPI)
The AD9656 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. The SPI gives
the user added flexibility and customization, depending on the
application. Addresses are accessed via the serial port and can
be written to or read from via the port. Memory is organized into
bytes that can be further divided into fields. These fields are
documented in the Memory Map section. For general operational
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CSB pin (see Table 17). The SCLK (serial clock) pin is
used to synchronize the read and write data presented from/to the
ADC. The SDIO (serial data input/output) pin is a dual purpose
pin that allows data to be sent and read from the internal ADC
memory map registers. The CSB (chip select bar) pin is an active
low control that enables or disables the read and write cycles.
Table 17. Serial Port Interface Pins
Pin
Function
SCLK
Serial Clock. The serial shift clock input, which is used to
synchronize serial interface reads and writes.
SDIO
Serial Data Input/Output. A dual purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CSB
Chip Select Bar. An active low control that gates the read
and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing and its definitions can be found in Figure 70 and
Table 7.
Other modes involving the CSB pin are available. The CSB pin
can be held low indefinitely, which permanently enables the
device; this is called streaming. The CSB pin can stall high
between bytes to allow for additional external timing. When
CSB is tied high, SPI functions are placed in a high impedance
mode. This mode turns on any SPI pin secondary functions.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and the W1 bits.
All data is composed of 8-bit words. The first bit of each individual
byte of serial data indicates whether a read or write command is
issued. This allows the SDIO pin to change direction from an
input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the SDIO pin to change
direction from an input to an output at the appropriate point in
the serial frame.
Input data is registed on the rising edge of SCLK, and output
data is transmited on the falling edge. After the address
information passes to the converter that is requesting a read, the
SDIO line transitions from an input to an output within one-
half of a clock cycle. This timing ensures that when the falling
edge of the next clock cycle occurs, data can be safely placed on
this serial line for the controller to read.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register. For more information about this
and other features, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 17 make up the physical interface
between the user programming device and the serial port of the
AD9656. The SCLK pin and the CSB pin function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
When the full dynamic performance of the converter is
required, do not activate the SPI port. Because the SCLK signal,
the CSB signal, and the SDIO signal are typically asynchronous
to the ADC clock, noise from these signals can degrade
converter performance. If the on-board SPI bus is used for other
devices, it may be necessary to provide buffers between this bus
and the AD9656 to prevent these signals from transitioning at the
converter inputs during critical sampling periods.
Rev. 0 | Page 33 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com