Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices AD9656 Datasheet HTML 20Page - Analog Devices AD9656 Datasheet HTML 21Page - Analog Devices AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9656
Data Sheet
An on-chip, common-mode voltage reference is included in the
design and is available from the VCM pin. Bypass the VCM pin
to ground with a 0.1 µF capacitor, as described in the
Applications Information section.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9656, the input span is dependent on the reference voltage
(see Table 11).
Differential Input Configurations
There are several ways to drive the AD9656 either actively or
passively. However, optimum performance is achieved by
driving the analog inputs differentially. Using a differential
double balun configuration to drive the AD9656 provides excellent
performance and a flexible interface to the ADC for baseband
applications (see Figure 48).
For applications where SNR is a key parameter, differential
transformer coupling is the recommended input configuration
(see Figure 49) because the noise performance of most amplifiers
is not adequate to achieve the true performance of the AD9656.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is not recommended to drive the AD9656 inputs single-ended.
Figure 48. Differential Double Balun Input Configuration for Baseband Applications
Figure 49. Differential Transformer-Coupled Configuration for Baseband Applications
Table 11. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential
Span (V p-p)
Fixed Internal Reference
AGND to 0.2 V
1.0 V to 1.4 V internal, SPI selectable with
Register 0x18, Bits[7:6]
2.0 to 2.8
Programmable Internal Reference
Tie SENSE pin to external R
divider (see Figure 51)
0.5 × (1 + R2/R1), for example: R1 = 3.2 kΩ,
R2 = 5.8 kΩ for VREF = 1.4 V
2 × VREF
Fixed External Reference
AVDD
1.0 V to 1.4 V applied to external VREF pin
2.0 to 2.8
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33
Ω
200
Ω
33
Ω
33
Ω
33
Ω
VINx+
VINx–
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL.
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9
Ω
0.1
μF
ADT1-1WT
1:1 Z RATIO
VINx–
ADC
VINx+
*C1
C
VCM
33
Ω
33
Ω
200Ω
0.1µF
5pF
Rev. 0 | Page 22 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com