Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices AD9656 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD9656
Data Sheet
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting system level design and layout of the AD9656, it
is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD9656, it is recommended
that two separate 1.8 V supplies be used: one supply for analog
(AVDD), and a separate supply for the digital outputs (DRVDD
and DVDD). The designer can use several different decoupling
capacitors to cover both high and low frequencies. Locate these
capacitors close to the point of entry at the printed circuit board
(PCB) level and close to the pins of the part with minimal trace
length.
When using the AD9656, a single PCB ground plane is sufficient.
With proper decoupling and smart partitioning of the PCB
analog, digital, and clock sections, optimum performance is
easily achieved.
CLOCK STABILITY CONSIDERATIONS
When powered on, the AD9656 enters an initialization phase
during which an internal state machine sets up the biases and
the registers for proper operation. During the initialization
process, the AD9656 needs a stable clock. If the ADC clock
source is not present or not stable during ADC power-up, it
disrupts the state machine and causes the ADC to start up in an
unknown state. To correct this, an initialization sequence Must
be reinvoked after the ADC clock is stable. By issuing a digital
reset via Register 0x08. In the default configuration (internal
VREF, ac-coupled input) where VREF and VCM are supplied by the
ADC itself, a stable clock during power-up is sufficient. In the
case where VREF and/or VCM are supplied by an external source,
these, too, must be stable at power-up; otherwise, a subsequent
digital reset via Register 0x08 is needed. The pseudo code
sequence for a digital reset is as follows:
SPI_Write (0x08, 0x03);
# Digital Reset
SPI_Write (0x08, 0x00);
# Normal Operation
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is mandatory that the exposed pad on the underside of the
ADC be connected to analog ground (AGND) to achieve the
best electrical and thermal performance. A continuous, exposed
(no solder mask) copper plane on the PCB must mate to the
AD9656 exposed pad, Pin 0.
The copper plane must have several vias to achieve the lowest
possible resistive thermal path for heat dissipation to flow
through the bottom of the PCB. Fill or plug these vias with
nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, overlay a silkscreen to partition the continuous plane
on the PCB into several uniform sections. This partitioning
prevents the solder from pooling and provides several tie points
between the ADC and the PCB during the reflow process. Using
one continuous plane with no partitions guarantees only one tie
point between the ADC and the PCB. See the evaluation board
for a PCB layout example. For detailed information about the
packaging and PCB layout of chip scale packages, refer to the
AN-772 Application Note, A Design and Manufacturing Guide
for the Lead Frame Chip Scale Package (LFCSP).
VCM
Decouple the VCM pin to ground with a 0.1 µF capacitor.
REFERENCE DECOUPLING
Externally bypass the VREF pin to ground with a low ESR,
1.0 µF capacitor in parallel with a low ESR, 0.1 µF ceramic
capacitor.
SPI PORT
When the full dynamic performance of the converter is required,
do not activate the SPI port. Because the SCLK, CSB, and SDIO
signals are typically asynchronous to the ADC clock, noise from
these signals can degrade converter performance. If the on-board
SPI bus is used for other devices, it may be necessary to provide
buffers between this bus and the AD9656 to keep these signals
from transitioning at the converter input pins during critical
sampling periods.
Rev. 0 | Page 42 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com