Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices AD9656 Datasheet HTML 17Page - Analog Devices AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Data Sheet
AD9656
Figure 11. SNR/SFDR vs. Input Amplitude (AIN), fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
Figure 12. Two-Tone 32k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
Figure 13. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.5 MHz and fIN2 = 72.5 MHz, fSAMPLE = 125 MSPS, VREF = 1.4 V
Figure 14. SNR/SFDR vs. Input Frequency (fIN), fSAMPLE = 125 MSPS,
VREF = 1.4 V
Figure 15. SNR/SFDR vs. Temperature, fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
Figure 16. Integral Nonlinearity (INL), fIN = 9.7 MHz, fSAMPLE = 125 MSPS,
VREF = 1.4 V
–20
0
20
40
60
80
100
120
–100
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
F2 – F1
AIN = –7dBFS
fIN1 = 70.5MHz
fIN2 = 72.5MHz
IMD2 = –98dBc
IMD3 = –84dBc
SFDR = 84dBc
F1 + F2
F1 + 2F2
2F1 + F2
2F2 – F1
2F1 – F2
–120
–100
–80
–60
–40
–20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
IMD3 (dBc)
–SFDR (dBc)
–SFDR (dBFS)
IMD3 (dBFS)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
60
70
80
90
100
110
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
SNR (dBFS)
SFDR (dBc)
–6
–4
–2
0
2
4
6
0
10000
20000
30000
40000
50000
60000
OUTPUT CODE
Rev. 0 | Page 15 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com