Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices AD9656 Datasheet HTML 17Page - Analog Devices AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices AD9656 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9656
Data Sheet
Figure 17. Differential Nonlinearity (DNL), fIN = 9.7 MHz, fSAMPLE = 125 MSPS,
VREF = 1.4 V
Figure 18. Input Referred Noise Histogram, fSAMPLE = 125 MSPS, VREF = 1.4 V
Figure 19. SNR/SFDR vs. Sample Rate, fIN = 9.7 MHz, VREF = 1.4 V
Figure 20. SNR/SFDR vs. Sample Rate, fIN = 64 MHz, VREF = 1.4 V
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
10000
20000
30000
40000
50000
60000
OUTPUT CODE
0
50000
100000
150000
200000
250000
300000
350000
400000
450000
OUTPUT CODE
2.0 LSB RMS
0
20
40
60
80
100
120
40
60
80
100
120
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
0
20
40
60
80
100
120
40
50
60
70
80
90
100
110
120
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Rev. 0 | Page 16 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com