Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices AD9656 Datasheet HTML 17Page - Analog Devices AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices AD9656 Datasheet HTML 20Page - Analog Devices AD9656 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
AD9656
VREF = 1.0 V
Figure 21. Single-Tone 32k FFT with fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.0 V
Figure 22. Single-Tone 32k FFT with fIN = 16.3 MHz,
fSAMPLE = 125 MSPS, VREF = 1.0 V
Figure 23. Single-Tone 32k FFT with fIN = 64 MHz, fSAMPLE = 125 MSPS,
VREF = 1.0 V
Figure 24. Single-Tone 32k FFT with fIN = 128.1 MHz,
fSAMPLE = 125 MSPS, VREF = 1.0 V
Figure 25. Single-Tone 32k FFT with fIN = 201 MHz,
fSAMPLE = 125 MSPS, VREF = 1.0 V
Figure 26. Single-Tone 32k FFT with fIN = 301 MHz, fSAMPLE = 125 MSPS,
VREF = 1.0 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 9.7MHz
SNR = 78.0dBFS
SINAD = 77.0dBFS
SFDR = 99dBc
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 16.3MHz
SNR = 78.0dBFS
SINAD = 76.8dBFS
SFDR = 94dBc
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 64MHz
SNR = 76.9dBFS
SINAD = 75.7dBFS
SFDR = 90dBc
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 128.1MHz
SNR = 74.5dBFS
SINAD = 73.0dBFS
SFDR = 84dBc
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 201MHz
SNR = 72.2dBFS
SINAD = 70.2dBFS
SFDR = 78dBc
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 301MHz
SNR = 69.3dBFS
SINAD = 67.6dBFS
SFDR = 77dBc
Rev. 0 | Page 17 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com