Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9656 Datasheet HTML 19Page - Analog Devices AD9656 Datasheet HTML 20Page - Analog Devices AD9656 Datasheet HTML 21Page - Analog Devices AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
AD9656
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9656.
VREF can be configured using the internal 1.0 V reference, using
an externally applied 1.0 V to 1.4 V reference voltage, or using
an external resistor divider applied to the internal reference to
produce a user-selectable reference voltage. The reference modes
are described in the Internal Reference Connection section and the
External Reference Operation section. Externally bypass the
VREF pin to ground with a low equivalent series resistance
(ESR), 1.0 µF capacitor in parallel with a low ESR, 0.1 µF
ceramic capacitor.
Internal Reference Connection
A comparator within the AD9656 detects the potential at the
SENSE pin and configures the reference for one of three
possible modes, which are summarized in Table 11. If SENSE is
grounded, the reference amplifier switch is connected to the
internal resistor divider (see Figure 50), setting the voltage at the
VREF pin, VREF, to 1.0 V. If SENSE is connected to an external
resistor divider (see Figure 51), VREF is defined as
 +
×
=
R1
R2
VREF
1
5
.
0
where:
7 kΩ ≤ (R1 + R2) ≤ 10 kΩ
Figure 50. 1.0 V Internal Reference Configuration
Figure 51. Programmable Internal Reference Configuration
If the internal reference of the AD9656 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 52 and
Figure 53 show how the internal reference voltage is affected
by loading.
Figure 52. VREF Error (Internal VREF = 1.0 V) vs. Load Current
Figure 53. VREF Error (Internal VREF = 1.4 V) vs. Load Current
VREF
SENSE
0.5V
AD9656
SELECT
LOGIC
0.1µF
1.0µF
VINx–
VINx+
ADC
CORE
SENSE
VREF
0.5V
AD9656
SELECT
LOGIC
0.1µF
1.0µF
R2
R1
VINx–
VINx+
ADC
CORE
+
–5
–4
–3
–2
–1
0
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (mA)
INTERNAL VREF = 1.0V
–12
–10
–8
–6
–4
–2
0
2
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (mA)
INTERNAL VREF = 1.4V
Rev. 0 | Page 23 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com