Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9656 Datasheet HTML 3Page - Analog Devices AD9656 Datasheet HTML 4Page - Analog Devices AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD9656
Parameter1
Temperature
Min
Typ
Max
Unit
TWO-TONE INTERMODULATION DISTORTION (IMD)—INPUT AMPLITUDE = −7.0 dBFS
fIN1 = 70.5 MHz, fIN2 = 72.5 MHz
25°C
−89
dBc
CROSSTALK2
25°C
−94
dB
CROSSTALK (OVERRANGE CONDITION)3
25°C
−89
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Crosstalk is measured at 70 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3
Overrange condition is defined as the input being 3 dB above full-scale.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p differential input, 1.4 V reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 5.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage Range2
Full
0.2
3.6
V p-p
Input Voltage Range
Full
AGND − 0.2
AVDD + 0.2
V
Input Common-Mode Voltage
Full
0.9
V
Input Resistance (Differential)
25°C
15
kΩ
Input Capacitance
25°C
4
pF
DSYNC INPUT (DSYNC+/DSYNC−)
Logic Compliance
LVDS
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage Range
Full
0.3
3.6
V p-p
Input Voltage Range
Full
DGND
DVDD
V
Input Common-Mode Voltage Range
Full
0.9
1.4
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−5
+5
µA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20
kΩ
DSYSREF INPUT (DSYSREF+/DSYSREF−)
Logic Compliance
LVDS
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage Range
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Voltage Range
Full
0.9
1.4
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−5
+5
µA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
LOGIC INPUTS (PDWN, SYNC, SCLK)
Logic 1 Voltage Range
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage Range
Full
0
0.8
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (CSB)
Logic 1 Voltage Range
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage Range
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
Rev. 0 | Page 7 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com