Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices AD9656 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
AD9656
Clock Phase Control (Register 0x16)
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] determine at which phase the external clock sampling
occurs. This is only applicable when the clock divider is used.
Setting Bits[6:4] greater than Register 0x0B, Bits[2:0] is
prohibited.
Table 20. Input Clock Phase Adjust Options
Input Clock Phase Adjust,
Bits[6:4]
Number of Input Clock
Cycles of Phase Delay
000 (default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
JTX User Pattern (Register 0xA0 to Register 0xA7)
The pattern in these registers is output on all active lanes when
Register 0x61, Bits[3:0] are set to 5 or 6. A 32-bit pattern, the
concatenation of Register 0xA0, Register 0xA2, Register 0xA4,
and Register 0xA6 is inserted before the scrambler if Register 0x61,
Bits[5:4] are set to 2. If Register 0x61, Bits[5:4] are set to 1 (a 40-bit
pattern), the concatenation of Register 0xA1, Bits[1:0] and
Register 0xA0, Bits[7:0]; Register 0xA3, Bits[1:0] and
Register 0xA2, Bits[7:0]; Register 0xA5, Bits[1:0] and
Register 0xA4, Bits[7:0]; Register 0xA7, Bits[1:0] and
Register 0xA6, Bits[7:0] is inserted after the 8b10b encoder.
Resolution/Sample Rate Override (Register 0x100)
This register allows the user to downgrade the resolution and/or
the maximum sample rate (for lower power) in applications that do
not require full resolution and/or sample rate. Settings in this
register are not initialized until Bit 0 of the transfer register
(Register 0xFF) is written high.
Bits[2:0] do not affect the sample rate; they affect the maximum
sample rate capability of the ADC.
User I/O Control 2 (Register 0x101)
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down resistor
on the SDIO pin. This setting can be used to limit the loading
when many devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM
generator. This feature is used when applying an external
reference.
Rev. 0 | Page 41 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com