Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
AD9656
Parameter1, 2
Temperature
Min
Typ
Max
Unit
APERTURE
Aperture Delay (tA)
25°C
1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
135
fs rms
Out-of-Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
The clock can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4
Refer to Figure 3 for timing diagram.
5
Time required for the ADC to return to normal operation from power-down mode.
6
Time required for the JESD204B output to return to normal operation from power-down mode.
7
ADC conversion rate cycles.
TIMING SPECIFICATIONS
Table 7.
Parameter
Description
Limit
Unit
SPI TIMING REQUIREMENTS
See Figure 70
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in figure)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in figure)
10
ns min
Rev. 0 | Page 9 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com