Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
AD9656
Configure Detailed Options
Configure the tail bits and control bits.
•
With N’ = 16 and N = 14 (nondefault configuration), two
bits are available per sample for transmitting additional
information over the JESD204B link. The options are tail
bits or control bits. By default, tail bits of 0b00 value are used.
•
Tail bits are dummy bits sent over the link to complete the
two octets and do not convey any information about the input
signal. Tail bits can be fixed zeros (default) or pseudo-
random numbers (Register 0x5F, Bit 6).
•
One or two control bits can be selected to replace the tail
bits using Register 0x72, Bits[7:6]. The meaning of the
control bits can be set using Register 0x14, Bits[7:5].
Set lane identification values.
•
JESD204B allows parameters to identify the device and
lane. These parameters are transmitted during the ILAS phase,
and they are accessible in the internal registers.
•
The three identification values are device identification
(DID), bank identification (BID), and lane identification
(LID). DID and BID are device specific; therefore, they can
be used for link identification.
Set the number of frames per multiframe, K.
•
Per the JESD204B specification, a multiframe is defined as a
group of K successive frames, where K is from 1 t0 32, and
requires that the number of octets be from 17 to 1024. The
K value is set to 32 by default in Register 0x70, Bits[4:0].
Note that the K value is the register value plus 1.
•
The K value can be changed; however, it must comply with
a few conditions. The AD9656 uses a fixed value for octets
per frame [F] based on the JESD204B quick configuration
setting. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil (17/F)
•
The JESD204B specification also specifies that the number
of octets per multiframe (K × F) be from 17 to 1024. The F
value is fixed through the quick configuration setting to
ensure that this relationship is true.
Table 13. JESD204B Configurable Identification Values
DID Value
Register, Bits
Value Range
LID (Lane 0)
0x66, [4:0]
0…31
LID (Lane 1)
0x67, [4:0]
0…31
DID
0x64, [7:0]
0…255
BID
0x65, [3:0]
0…15
Scramble, SCR.
•
Scrambling can be enabled or disabled by setting Register 0x6E,
Bit 7. By default, scrambling is enabled. Per the JESD204B
protocol, scrambling is functional only after the lane
synchronization has completed.
Select lane synchronization options.
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows:
•
ILAS enabling is controlled in Register 0x5F, Bits[3:2] and
is enabled by default. Optionally, to support some unique
instances of the interfaces (such as NMCDA-SL), the
JESD204B interface can be programmed to either disable the
ILAS sequence or continually repeat the ILAS sequence.
The AD9656 has fixed values for some JESD204B interface
parameters, and they are as follows:
•
[N’] = 16: number of bits per sample is 16, in Register 0x73,
Bits[4:0]
•
[CF] = 0: number of control words/frame clock
cycle/converter is 0, in Register 0x75, Bits[4:0]
Verify read only values: lanes per link (L), octets per frame (F),
number of converters (M), and samples per converter per frame
(S). The AD9656 calculates values for some JESD204B parameters
based on other settings, particularly the quick configuration
register selection. The following read only values are available in
the register map for verification.
•
[L] = lanes per link can be 1, 2 or 4; read the values from
Register 0x6E, Bits [4:0]
•
[F] = octets per frame can be 2, 4, or 8; read the value from
Register 0x6F, Bits[7:0]
•
[HD] = high density mode is 0; read the value from
Register 0x75, Bit 7
•
[M] = number of converters per link; default is 4, but can
be 1, 2, or 4. Read the value from Register 0x71, Bits[7:0]
•
[S] = samples per converter per frame is 1; read the value
from Register 0x74, Bits[4:0]
Rev. 0 | Page 29 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com