Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9656
Data Sheet
Check FCHK, Checksum of JESD204B Interface Parameters
The JESD204B parameters can be verified through the checksum
value [FCHK] of the JESD204B interface parameters. Each lane has
a FCHK value associated with it. The FCHK value is transmitted
during the ILAS second multiframe and can be read from the
internal registers.
The checksum value is the modulo 256 sum of the parameters
listed in the No. column of Table 14. The checksum is calculated
by adding the parameter fields before they are packed into the
octets shown in Table 14.
The FCHK for the lane configuration for data exiting Lane 0
can be read from Register 0x78. Similarly, the FCHK for the lane
configuration for data exiting Lane 1 can be read from Register
0x79, FCHK for Lane 2 can be read from Register 0x7A, and
FCHK for Lane 3 can be read from Register 0x7B.
Table 14. JESD204B Configuration Table Used in ILAS and
CHKSUM Calculation
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
Set Additional Digital Output Configuration Options
Other data format controls include the following:
•
Invert polarity of serial output data: Register 0x60, Bit 1
•
ADC data format (offset binary or twos complement):
Register 0x14, Bits[1:0]
•
Options for interpreting signal on DSYSREF and DSYNC:
Register 0x3A, Bits[4:3]
•
Option to remap converter (logical lane) and SERDOUTx±
(physical lane) assignments: Register 0x82 and Register 0x83.
See Figure 64 for a simplified block diagram.
Reenable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link so
that the synchronization process can begin. This is accomplished
by writing Logic 0 to Register 0x5F, Bit 0.
Figure 64. AD9656 Transmit Link Simplified Block Diagram
CONVERTER A
CONVERTER B
CONVERTER C
CONVERTER D
CROSSPOINT
SWITCH
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
SEE REGISTER
0xF5
DESCRIPTION
JESD204B
LANE CONTROL
(M = 4, L = 1, 2, 4)
LANE MUX
VINA+/
VINA–
VINB+/
VINB–
VINC+/
VINC–
VIND+/
VIND–
DSYNC+/
DSYNC–
DSYSREF+/
DSYSREF–
Rev. 0 | Page 30 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com