Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 196 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 192Page - STMicroelectronics UM0434 Datasheet HTML 193Page - STMicroelectronics UM0434 Datasheet HTML 194Page - STMicroelectronics UM0434 Datasheet HTML 195Page - STMicroelectronics UM0434 Datasheet HTML 196Page - STMicroelectronics UM0434 Datasheet HTML 197Page - STMicroelectronics UM0434 Datasheet HTML 198Page - STMicroelectronics UM0434 Datasheet HTML 199Page - STMicroelectronics UM0434 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 390 page
background image
UM0434
Memory management unit
197/391
7.2.5
Permissions
An operating system may restrict access to virtual pages by selectively granting permissions
for user-mode read, write, and execute, and supervisor-mode read, write, and execute on a
per-page basis. These permissions can be set up for a particular system (for example,
program code may be execute only, and data structures may be mapped as read/write/no-
execute) and be changed by the operating system based on application requests and
operating system policies.
The UX, SX, UW, SW, UR, and SR access control bits are provided to support selective
permissions (access control):
●
SR—Supervisor read permission. Allows loads and load-type cache management
instructions to access the page while in supervisor mode (MSR[PR = 0]).
●
SW—Supervisor write permission. Allows stores and store-type cache management
instructions to access the page while in supervisor mode (MSR[PR = 0]).
●
SX—Supervisor execute permission. Allows instruction fetches to access the page and
instructions to be executed from the page while in supervisor mode (MSR[PR = 0]).
●
UR—User read permission. Allows loads and load-type cache management
instructions to access the page while in user mode (MSR[PR = 1]).
●
UW—User write permission. Allows stores and store-type cache management
instructions to access the page while in user mode (MSR[PR = 1]).
●
UX—User execute permission. Allows instruction fetches to access the page and
instructions to be executed from the page while in user mode (MSR[PR = 1]).
If the translation match was successful, the permission bits are checked as shown in
Figure 9. If the access is not allowed by the access permission mechanism, the processor
generates an instruction or data storage interrupt (ISI or DSI).
Figure 9.
Granting of access permission
7.3
Translation lookaside buffer
The EIS architecture defines support for zero or more TLBs in an implementation, each with
its own characteristics, and provides configuration information for software to query the
existence and structure of TLBs through a set of SPRs—MMUCFG, TLB0CFG, TLB1CFG,
and so on. By convention, TLB0 is used for a set-associative TLB with fixed page sizes,
Access Granted
Instruction Fetch
MSR[PR]
TLB_entry[UX]
TLB_entry[SX]
TLB_entry[UR]
TLB_entry[SR]
TLB_entry[UW]
TLB_entry[SW]
Load-Class Data Access
Store-Class Data Access
TLB Match (see Figure 5-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com