Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 202 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 198Page - STMicroelectronics UM0434 Datasheet HTML 199Page - STMicroelectronics UM0434 Datasheet HTML 200Page - STMicroelectronics UM0434 Datasheet HTML 201Page - STMicroelectronics UM0434 Datasheet HTML 202Page - STMicroelectronics UM0434 Datasheet HTML 203Page - STMicroelectronics UM0434 Datasheet HTML 204Page - STMicroelectronics UM0434 Datasheet HTML 205Page - STMicroelectronics UM0434 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 390 page
background image
UM0434
Memory management unit
203/391
7.5.6
TLB miss exception update
When a TLB miss exception occurs, MAS0–MAS3 are updated with the defaults specified in
MAS4 and the AS and EPN[0–19] of the access that caused the exception. In addition, the
ESEL bits are updated with the replacement entry value. This sets up all the TLB entry data
necessary for a TLB write except for the RPN[0–19], the U0–U3 user bits, and the
UX/SX/UW/SW/UR/SR permission bits, all of which are stored in MAS3. Thus, if the defaults
stored in MAS4 are applicable to the TLB entry to be loaded, the TLB miss exception
handler only has to update MAS3 through mtspr before executing tlbwe. If the defaults are
not applicable to the TLB entry being loaded, the TLB miss handler must update MAS0–
MAS2 before performing the TLB write.
See
Table 156 for more details on the automatic updates to the MAS registers on
exceptions.
7.5.7
TLB load on reset
During reset, all TLB entries except entry 0 are automatically invalidated by the hardware.
TLB entry 0 is also loaded with the default values in
Table 154.
7.6
MMU configuration and control registers
Information about the configuration for a given MMU implementation is available to system
software by reading the contents of the MMU configuration SPRs. These SPRs describe the
architectural version of the MMU, the number of TLB arrays, and the characteristics of each
TLB array. Additionally, there are a number of MMU control and assist registers summarized
in
Chapter 4.16.4: MMU assist registers (MAS0–MAS4, MAS6) on page 91.”
Table 154.
TLB entry 0 values after Reset
Field
Reset Value
Comments
VALID
1
Entry is valid.
TS
0
Address space 0
TID[0–7]
0x00
TID value for shared (global) page
EPN[0–19]
p_rstbase[0:19]
value
Page address present on
p_rstbase[0:19]. See Chapter 9: External
core complex interfaces.”
RPN[0–19]
p_rstbase[0:19]
value
Page address present on
p_rstbase[0:19]. See Chapter 9: External
core complex interfaces.”
SIZE[0–3]
0001
4KB page size
SX/SW/SR
111
Full supervisor mode access allowed
UX/UW/UR
111
Full user mode access allowed
WIMG
0100
Cache-inhibited, non-coherent
E
p_rst_endmode
value
Value present on
p_rst_endmode. See Chapter 9: External core
complex interfaces.”
U0–U3
0000
User bits
IPROT
1
Page is protected from invalidation.
VLE
p_rst_vlemode
value
Value present on
p_rst_vlemode signal. See Table 167 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com