Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 203 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 199Page - STMicroelectronics UM0434 Datasheet HTML 200Page - STMicroelectronics UM0434 Datasheet HTML 201Page - STMicroelectronics UM0434 Datasheet HTML 202Page - STMicroelectronics UM0434 Datasheet HTML 203Page - STMicroelectronics UM0434 Datasheet HTML 204Page - STMicroelectronics UM0434 Datasheet HTML 205Page - STMicroelectronics UM0434 Datasheet HTML 206Page - STMicroelectronics UM0434 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 390 page
background image
Memory management unit
UM0434
204/391
7.6.1
MMU configuration register (MMUCFG)
MMUCFG provides configuration information for the MMU supplied with this version of the
e200z3 CPU core. See
Chapter 4.16.2: MMU configuration register (MMUCFG).”
7.6.2
TLB0 and TLB1 configuration registers
TLB0CFG and TLB1CFG provide configuration information for the MMU TLBs supplied with
this version of the e200z3 CPU core. See
Chapter 4.16.3: TLB configuration registers
(TLBnCFG).”
7.6.3
Data exception address register (DEAR)
DEAR, described in
Chapter : Data exception address register (DEAR),” is loaded with the
effective address of the data access that results in an alignment, data TLB miss, or data
storage interrupt.
7.6.4
MMU control and status register 0 (MMUCSR0)
MMUCSR0, shown in
Chapter 4.16.1,”controls the state of the MMU.
7.6.5
MMU assist registers (MAS)
The e200z3 uses MAS0–MAS4 and MAS6 SPRs to facilitate reading, writing, and searching
the TLBs. The e200z3 does not implement MAS5, because the tlbsx instruction only
searches based on a single SPID value.
MAS registers are described in
Chapter 4.16.4.”
MAS registers summary
The fields of the MAS registers are summarized in
Table 155.
Table 155.
MMU assist registers summary
32
33
34 35
3
6
3
7
3
8
3
9
4
0
4
1
4
2
4
3
4
4
4
5
46
4
7
4
8
4
9
5
0
5
1
5
2
5
3
5
4
5
5
5
6
5
7
58
59 60 61 62 63
MAS
0
—
TLBSE
L
—ESEL
—
NV
MAS
1
VALI
D
IPRO
T
—TID
—
T
S
TSIZ
—
MAS
2
EPN
—
VLE W
I
M G
E
MAS
3
RPN
—
U
0
U
1
U
2
U
3
UX SX
U
W
S
W
U
R
SR
MAS
4
—
TBSEL
D
—
TIDSELD
—
TSIZED
—
VLE
D
W
D
ID
M
D
G
D
ED
MAS
6
—
SPID
—
SA
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com