Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 204 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 200Page - STMicroelectronics UM0434 Datasheet HTML 201Page - STMicroelectronics UM0434 Datasheet HTML 202Page - STMicroelectronics UM0434 Datasheet HTML 203Page - STMicroelectronics UM0434 Datasheet HTML 204Page - STMicroelectronics UM0434 Datasheet HTML 205Page - STMicroelectronics UM0434 Datasheet HTML 206Page - STMicroelectronics UM0434 Datasheet HTML 207Page - STMicroelectronics UM0434 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 390 page
background image
UM0434
Memory management unit
205/391
MAS register updates
Table 156 details the updates to each MAS register field for each update type.
7.7
Effect of hardware debug on MMU operation
Hardware debug facilities use normal CPU instructions to access register and memory
contents during a debug session. If desired, the debug firmware may disable the translation
process and may substitute default values for the access protection (UX, UR, UW, SX, SR,
SW) bits and values obtained from the OnCE control register for page attribute (W,I,M,G,E)
bits normally provided by a matching TLB entry. In addition, no address translation is
performed; instead, a 1:1 mapping of effective-to-real addresses is performed. When
disabled during the debug, no TLB miss or TLB access protection related DSI conditions
occur. If there is a need for the debugger to use normal translation process, the MMU may
be left enabled in the OnCE OCR, and normal translation (including the possibility of a TLB
miss or DSI) remains in effect. See:
Chapter : OnCE control register (OCR),” for details on
controlling MMU operation during debug sessions.
Table 156.
MMU assist register field updates
Bit/Field
MAS
Affected
ITLB/DTLB Error
tlbsx hit
tlbsx miss
tlbre
tlbwe
ISI/DS
I
TLBSEL
0
TLBSELD
‘01’
TLBSELD
NC(1)
NC
NC
ESEL
0
NV
Matched entry
NV
NC
NC
NC
NV
0
NC
NC
NC
NC
NC
NC
VALID
1
1
1
0
V(array)
NC
NC
IPROT
1
0
Matched
IPROT
0
IPROT(array)
NC
NC
TID[0–7]
1
TIDSELD
(PID0,TIDZ)
TID(array)
SPID
TID(array)
NC
NC
TS
1
MSR(IS/DS)
SAS
SAS
TS(array)
NC
NC
TSIZE[0–3]
1
TSIZED
TSIZE(array)
TSIZED
TSIZE(array)
NC
NC
EPN[0–19]
2
I/D EPN
EPN(array)
tlbsx EPN
EPN(array)
NC
NC
WIMGE
2
Default values
WIMGE(array)
Default
values
WIMGE(array)
NC
NC
RPN[0–19]
3
Zeroed
RPN(Array)
Zeroed
RPN(array)
NC
NC
ACCESS
(PERMISS
+ U0–U3)
3
Zeroed
Access(Array)
Zeroed
Access(array)
NC
NC
TLBSELD
4
NC
NC
NC
NC
NC
NC
TIDSELD[0–1]
4
NC
NC
NC
NC
NC
NC
TSIZED[0–3]
4
NC
NC
NC
NC
NC
NC
Default WIMGE
4
NC
NC
NC
NC
NC
NC
SPID
6
PID0
NC
NC
NC
NC
NC
SAS
6
MSR(IS/DS)
NC
NC
NC
NC
NC
1.
NC—no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com