| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 300 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 300 Page - STMicroelectronics |
|
300 / 390 page ![]() UM0434 Debug support 301/391 Table 195. Debug event descriptions Event name Type Description Instruction Address Compare Event IAC Occurs when enabled and upon attempted execution of an instruction at an address that meets the criteria specified in the DBCR0, DBCR1,and IAC n registers. Instruction address compares may specify user/supervisor mode and instruction space (MSR[IS]), along with an effective address, masked effective address, or range of effective addresses for comparison. This event can occur and be recorded in DBSR regardless of the setting of MSR[DE]. IAC events do not occur when an instruction would not have normally begun execution due to a higher priority exception at an instruction boundary. IAC compares perform a 31-bit compare for VLE instruction pages, and 30-bit compares for BookE instruction pages. Each half-word fetched by the instruction fetch unit will be marked with a set of bits indicating whether an Instruction Address Compare occurred on that half-word. Debug exceptions will occur if enabled and a 16-bit instruction, or the first half-word of a 32-bit instruction, is tagged with an IAC hit. For instruction fetches that miss in the TLB, Book E pages are assumed, and a 30-bit compare is performed. Data Address Compare Event DAC Data address compare debug events occur if data address compare debug events are enabled and execution of a load or store class instruction or a cache maintenance instruction results in a data access with an address that meets the criteria specified in DBCR0, DBCR2, DAC1, and DAC2. Data address compares may specify user/supervisor mode and data space (MSR[DS]), along with an effective address, masked effective address, or range of effective addresses for comparison. This event can occur and be recorded in DBSR regardless of the setting of MSR[DE]. Two address compare values (DAC1 and DAC2) are provided. In contrast to the Book E definition, data address compare events on the core do not prevent the load or store instruction from completing. If a load or store class instruction completes successfully without a data TLB or data storage interrupt, data address compare exceptions are reported at the completion of the instruction. If the exception results in a precise debug interrupt, the address value saved in DSRR0 (or CSRR0 if the debug APU is disabled) is the address of the instruction following the load or store class instruction. If a load or store class instruction does not complete successfully due to a data TLB or data storage exception, and a data address compare debug exception also occurs, the result is an imprecise debug interrupt, the address value saved in DSRR0 (or CSRR0 if the debug APU is disabled) is the address of the load or store class instruction, and DBSR[IDE] is set. In addition to occurring when DBCR0[IDM] = 1, this can also occur when DBCR0[EDM] = 1. DAC events are not recorded or counted if an lmw or stmw instruction is interrupted before completion by a critical input or external input interrupt. – DAC events are not signaled on the following: —The second portion of a misaligned load or store that is broken up into two separate accesses —The tlbre, tlbwe, tlbsx, or tlbivax instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |