| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 325 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 325 Page - STMicroelectronics |
|
325 / 390 page ![]() Debug support UM0434 326/391 FIFO, another OCMD value that does not select the PC FIFO should be entered to allow the PC FIFO to resume updating. To ensure FIFO coherence, a complete set of eight reads of the FIFO should be performed because each read increments the temporary FIFO pointer, thus making it point to the next location. After eight reads the pointer points to the same location it pointed to before starting the read procedure. The temporary counter value captures the actual counter each time the OCMD RS field transitions to the value corresponding to the PC FIFO (010 1101). The FIFO pointer is reset to entry 0 when either j_trst_b or m_por is set. 11.5.10 Reserved registers The reserved registers are used to control various test control logic. These registers are not intended for customer use. To preclude device and/or system damage, these registers should not be accessed. 11.6 Watchpoint support The core supports the generation and signaling of watchpoints when operating in internal debug mode (DBCR0[IDM] = 1) or in external debug mode (DBCR0[EDM] = 1). Watchpoints are indicated with a dedicated set of interface signals. The jd_watchpoint[0:7] output signals are used to indicate that a watchpoint has occurred. Each debug address compare function (IAC1–IAC4, DAC1 and DAC2) and debug counter event (DCNT1 and DCNT2) can trigger a watchpoint output. The DBCR1, DBCR2, and DBCR3 control fields are used to configure watchpoints, regardless of whether events are enabled in DBCR0. Watchpoints may occur whenever an associated event would have been posted in the debug status register if enabled. No explicit enable bits are provided for watchpoints; they are always enabled by definition (except during a debug session). If not desired, the base address values for these events may be programmed to an unused system address. MSR[DE] has no effect on watchpoint generation. External logic may monitor the assertion of these signals for debugging purposes. Watchpoints are signaled in the clock cycle following the occurrence of the actual event. The Nexus3 module also monitors assertion of these signals for various development control purposes. Table 209. Watchpoint output signal assignments Signal name Type Description jd_watchpt[0] IAC1 Instruction address compare 1 watchpoint. Set whenever an IAC1 compare occurs regardless of whether IAC1 compares are enabled to set DBSR status. jd_watchpt[1] IAC2 Instruction address compare 2 watchpoint. Set whenever an IAC2 compare occurs regardless of whether IAC2 compares are enabled to set DBSR status. jd_watchpt[2] IAC3 Instruction address compare 3 watchpoint. Set whenever an IAC3 compare occurs regardless of whether IAC3 compares are enabled to set DBSR status. jd_watchpt[3] IAC4 Instruction address compare 4 watchpoint. Set whenever an IAC4 compare occurs regardless of whether IAC4 compares are enabled to set DBSR status. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |