Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 324 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 324 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 320Page - STMicroelectronics UM0434 Datasheet HTML 321Page - STMicroelectronics UM0434 Datasheet HTML 322Page - STMicroelectronics UM0434 Datasheet HTML 323Page - STMicroelectronics UM0434 Datasheet HTML 324Page - STMicroelectronics UM0434 Datasheet HTML 325Page - STMicroelectronics UM0434 Datasheet HTML 326Page - STMicroelectronics UM0434 Datasheet HTML 327Page - STMicroelectronics UM0434 Datasheet HTML 328Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 390 page
background image
UM0434
Debug support
325/391
Figure 71.
OnCE PC FIFO
The FIFO is not affected by the operations performed during a debug session except for the
FIFO pointer increment when reading the FIFO. When entering debug mode, the FIFO
counter is pointing to the FIFO register containing the address of the oldest of the eight
change-of-flow prefetches. When OCMD [RS] is loaded with the value corresponding to the
PC FIFO (010 1101), the current pointer value is captured into a temporary register. This
temporary value (not the actual FIFO counter) is incremented as FIFO reads are performed.
The first FIFO read obtains the oldest address and the following FIFO read returns the other
addresses from the oldest to the newest (the order of execution).
Updates to the FIFO are frozen whenever the OCMD register contains a command whose
RS[0–6] field points to the PC FIFO (010 1101) to allow firmware to read the contents of the
PC FIFO without placing the CPU into debug mode. After completing all accesses to the PC
PC FIFO Register 0
TDO
TCK
PC FIFO Register 1
PC FIFO Register 2
PC FIFO Register 3
PC FIFO Register 4
Instruction Fetch Address
Circular
Buffer
Pointer
PC FIFO Shift Register
PC FIFO Register 5
PC FIFO Register 6
PC FIFO Register 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com