Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 323 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 323 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 319Page - STMicroelectronics UM0434 Datasheet HTML 320Page - STMicroelectronics UM0434 Datasheet HTML 321Page - STMicroelectronics UM0434 Datasheet HTML 322Page - STMicroelectronics UM0434 Datasheet HTML 323Page - STMicroelectronics UM0434 Datasheet HTML 324Page - STMicroelectronics UM0434 Datasheet HTML 325Page - STMicroelectronics UM0434 Datasheet HTML 326Page - STMicroelectronics UM0434 Datasheet HTML 327Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 390 page
background image
Debug support
UM0434
324/391
source value of the ori instruction, thus allowing updates to processor registers to be
performed. (Refer to
Chapter : Control state register (CTL) on page 321,” for more details.).
WBBRlower and WBBRupper are generally undefined on instructions that do not write back a
result and, due to control issues, are not defined on lmw or branch instructions either.
To read and write the entire 64 bits of a GPR, both WBBRlower and WBBRupper are used. For
reads, an evslwi rn,rn,0 may be used. For writes, the same instruction may be used, but the
CTL[FFRA] bit must be set as well.
Note:
MSR[SPE] must be set in order for these operations to be performed properly.
Machine state register (MSR)
The MSR is a 32-bit register used to read/write the machine state register (MSR). Whenever
the external command controller needs to save or modify the contents of the machine state
register, this register is used. This register is affected by the operations performed during
debug mode and must be restored by the external command controller when returning to
normal mode.
Chapter 4: Register model on page 38,” further describes the MSR.
11.5.9
Instruction address FIFO buffer (PC FIFO)
To assist debugging and keep track of program flow, a first-in-first-out (FIFO) buffer stores
the addresses of the last eight instruction change-of-flow destinations that were fetched.
These include exception vectoring to an exception handler and returns, as well as pipeline
refills due to execution of the isync instruction.
The PC FIFO stores the addresses of the last eight instruction change-of-flow addresses
that were actually taken. The FIFO is implemented as a circular buffer containing eight 32-
bit registers and one 3-bit counter. All the registers have the same address, but any read
access to the FIFO address causes the counter to increment, making it point to the next
FIFO register. The registers are serially available to the external command controller
through the common FIFO address.
Figure 71 shows the block diagram of the PC FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com