Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 25 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 25 Page - NEC

Back Button UPD17015 Datasheet HTML 21Page - NEC UPD17015 Datasheet HTML 22Page - NEC UPD17015 Datasheet HTML 23Page - NEC UPD17015 Datasheet HTML 24Page - NEC UPD17015 Datasheet HTML 25Page - NEC UPD17015 Datasheet HTML 26Page - NEC UPD17015 Datasheet HTML 27Page - NEC UPD17015 Datasheet HTML 28Page - NEC UPD17015 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
25
µPD17015
6. GENERAL-PURPOSE REGISTER (GR)
6.1
OUTLINE OF GENERAL-PURPOSE REGISTER
Fig. 6-1 outlines the general-purpose register.
For the
µPD17015, the general-purpose register is fixed to low address 0 of the data memory, consisting of 16
nibbles (00H to 0FH, 16
× 4 bits).
16 nibbles of the row address 0 specified as a general-purpose register is used to perform an operation with or
transfer data to and from the data memory.
This means that an operation or data transfer between data memory areas can be performed with one instruction.
As with other data memory areas, a general-purpose register can be controlled using data memory manipulation
instructions.
Fig. 6-1 Outline of General-Purpose Register
012
3
4
56
7
8
9
A
B
C
D
E
F
0
1
2
3
4
5
6
7
Column address
Transfer,
operation
Data memory
System register
General-purpose register
6.2
GENERAL-PURPOSE REGISTER ADDRESS GENERATION WITH INSTRUCTIONS
Sections 6.2.1 and 6.2.2 below describe general-purpose register address generation when each instruction is
executed.
For the detailed operation of each instruction, see Chapter 7.
6.2.1
Addition Instructions (ADD r,m, ADDC r,m)
Subtraction Instructions (SUB r,m, SUBC r,m)
Logical Operation Instructions (AND r,m, OR r,m, XOR r,m)
Direct Transfer Instructions (LD r,m, ST m,r), and
Rotate Instruction (RORC r)
Fig. 6-2 indicates a general-purpose register address R specified by operand r of an instruction. Operand r specifies
only a column address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com