Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 64 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 64 Page - NEC

Back Button UPD17015 Datasheet HTML 60Page - NEC UPD17015 Datasheet HTML 61Page - NEC UPD17015 Datasheet HTML 62Page - NEC UPD17015 Datasheet HTML 63Page - NEC UPD17015 Datasheet HTML 64Page - NEC UPD17015 Datasheet HTML 65Page - NEC UPD17015 Datasheet HTML 66Page - NEC UPD17015 Datasheet HTML 67Page - NEC UPD17015 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
64
µPD17015
(5) PLL data setting example
The data to be set to receive an FM band broadcast station is shown below.
Receiving frequency
: 100.0 MHz (FM band)
Reference frequency
: 25 kHz
Intermediate frequency : +10.7 kHz
Division value N is:
N =
fVCOH
=
100.0 + 10.7
= 4428 (decimal)
fr
0.025
= 114CH (hexadecimal)
Data is written into the PLL data and PLL mode selection registers as follows:
PLLR
0 0 0 1
0 0 0 1
0 1 0 0
1 1 0 0
11
4
C
11.7
STATE AT RESET
11.7.1
At Power-On Reset
Since the PLL mode selection register is initialized to 0000B, the PLL disabled state is set.
11.7.2
At Clock-Stop
The PLL disabled state is set at the time the CE pin drops to low level.
11.7.3
At CE Reset
(1) CE reset caused by clock stop
Since clock-stop initializes the PLL mode selection register to 0000B, the PLL disabled state is set.
(2) CE reset when clock not stopped
Since the PLL mode selection register retains its previous state, the previous state is set when the CE pin rises
to high level.
11.7.4
During the Halt State
If the CE pin is high level, the set state is held.
PLLMD
1 0 1 1
VHF, 25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com