Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 73 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 73 Page - NEC

Back Button UPD17015 Datasheet HTML 69Page - NEC UPD17015 Datasheet HTML 70Page - NEC UPD17015 Datasheet HTML 71Page - NEC UPD17015 Datasheet HTML 72Page - NEC UPD17015 Datasheet HTML 73Page - NEC UPD17015 Datasheet HTML 74Page - NEC UPD17015 Datasheet HTML 75Page - NEC UPD17015 Datasheet HTML 76Page - NEC UPD17015 Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 120 page
background image
73
µPD17015
Fig. 13-7 Common Signal and Segment Signal Output Waveforms
A
B
C
D
Segment signal output pin (LCDn pin)
COM0 pin
COM1 pin
COM2 pin
COM3 pin
V
LCD1
V
LCD0
GND
V
LCD1
V
LCD0
GND
V
LCD1
V
LCD0
GND
V
LCD1
V
LCD0
GND
V
LCD1
GND
V
LCD1
GND
V
LCD1
GND
Common signal
Single frame (6.7 ms)
COM0 pin
1.7 ms
COM1 pin
COM2 pin
COM3 pin
LCDn pin
LCDn pin
LCDn pin
A, B, C, and D turned off
Segment signal (examples)
A, B, C, and D turned on
A, B, and C turned on; D turned off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com