Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 6 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 6 Page - NEC

Back Button UPD17015 Datasheet HTML 2Page - NEC UPD17015 Datasheet HTML 3Page - NEC UPD17015 Datasheet HTML 4Page - NEC UPD17015 Datasheet HTML 5Page - NEC UPD17015 Datasheet HTML 6Page - NEC UPD17015 Datasheet HTML 7Page - NEC UPD17015 Datasheet HTML 8Page - NEC UPD17015 Datasheet HTML 9Page - NEC UPD17015 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
6
µPD17015
8.
DATA BUFFER (DBF) ................................................................................................................
32
8.1
OVERVIEW ......................................................................................................................................
32
8.2
RELATIONSHIP BETWEEN THE PERIPHERAL HARDWARE AND DATA BUFFER ..............
34
8.3
NOTES ON USING THE DATA BUFFER ......................................................................................
34
9.
GENERAL-PURPOSE PORTS ...................................................................................................
35
9.1
OVERVIEW ......................................................................................................................................
35
9.2
GENERAL-PURPOSE I/O PORTS (P0A0 AND POA1 PINS) .......................................................
36
9.3
GENERAL-PURPOSE INPUT PORT (P0B0 TO P0B2 PINS) .......................................................
38
9.4
GENERAL-PURPOSE OUTPUT PORTS (P0A2, P0A3, P0C0 TO P0C3, AND P0D0 PINS) .......
39
10. TIMERS .......................................................................................................................................
41
10.1
OVERVIEW ......................................................................................................................................
41
10.2
BASIC TIMERS 0 AND 1 ................................................................................................................
41
11. PLL FREQUENCY SYNTHESIZER ............................................................................................
50
11.1
GENERAL ........................................................................................................................................
50
11.2
INPUT SWITCHING BLOCK AND PROGRAMMABLE DIVIDER ................................................
51
11.3
REFERENCE FREQUENCY GENERATOR ..................................................................................
56
11.4
PHASE COMPARATOR (
φ-DET), CHARGE PUMP AND UNLOCK DETECTION BLOCK .......
57
11.5
PLL DISABLED STATE ..................................................................................................................
61
11.6
PLL FREQUENCY SYNTHESIZER USE .......................................................................................
61
11.7
STATE AT RESET ..........................................................................................................................
64
12. BEEP ...........................................................................................................................................
65
12.1
CONFIGURATION AND FUNCTIONS ...........................................................................................
65
12.2
STATE AT RESET ..........................................................................................................................
66
13. LCD CONTROLLER/DRIVER ....................................................................................................
67
13.1
OVERVIEW ......................................................................................................................................
67
13.2
LCD DRIVING VOLTAGE GENERATION BLOCK .......................................................................
68
13.3
LCD SEGMENT REGISTER ...........................................................................................................
69
13.4
TIMING CONTROL BLOCKS FOR OUTPUTTING COMMON SIGNAL AND
SEGMENT SIGNAL .........................................................................................................................
71
13.5
COMMON SIGNAL AND SEGMENT SIGNAL OUTPUT WAVEFORMS .....................................
72
13.6
USING THE LCD CONTROLLER/DRIVER ...................................................................................
74
13.7
STATE AT RESET ..........................................................................................................................
76
14. STANDBY ....................................................................................................................................
77
14.1
STANDBY FUNCTIONS .................................................................................................................
77
14.2
HALT FUNCTION ............................................................................................................................
79
14.3
CLOCK-STOP FUNCTION .............................................................................................................
83
14.4
DEVICE OPERATION IN THE HALT AND CLOCK-STOP STATES ...........................................
86
14.5
PIN PROCESSING CAUTIONS IN HALT STATE AND CLOCK-STOP STATE .........................
87
14.6
DEVICE OPERATION CONTROL BY THE CE PIN .....................................................................
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com